Electronic Components Datasheet Search
  English  ▼

X  

2201753 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201753
Description  EH 52,5-C DS/ABS GY7035 - Upper housing part
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201753 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201753 Datasheet HTML 1Page - PHOENIX CONTACT 2201753 Datasheet HTML 2Page - PHOENIX CONTACT 2201753 Datasheet HTML 3Page - PHOENIX CONTACT 2201753 Datasheet HTML 4Page - PHOENIX CONTACT 2201753 Datasheet HTML 5Page - PHOENIX CONTACT 2201753 Datasheet HTML 6Page - PHOENIX CONTACT 2201753 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Upper housing part, tall design, connection opening on both sides, width: 52.6
mm, height: 75 mm, depth: 36.95 mm, color: light gray (similar RAL 7035)
Your advantages
DIN rail or panel mounting for application-specific device attachment
•
Easy design-in, thanks to variable housing form factor
•
Complete flexibility, thanks to PCBs with horizontal, frontal, and orthogonal orientation to the front of the device
•
Three cover versions for individual PCB connections
•
Integration of a wide variety of PCB connection technologies for a functional device design
•
Commercial data
Item number
2201753
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
AC12
Product key
ACHCHC
GTIN
4046356908245
Weight per piece (including packing)
18.59 g
Weight per piece (excluding packing)
18.59 g
Customs tariff number
84879090
Country of origin
IN
EH 52,5-C DS/ABS GY7035 - Upper housing part
2201753
https://www.phoenixcontact.com/us/products/2201753
Feb 14, 2025, 1:13 AM
Page 1 (7)


Similar Part No. - 2201753

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201750 PHOENIX-2201750 Datasheet
285Kb / 7P
EH 35-C DS/ABS GY7035 - Upper housing part
2201751 PHOENIX-2201751 Datasheet
287Kb / 7P
EH 35-C DS/ABS BK9005 - Upper housing part
2201752 PHOENIX-2201752 Datasheet
287Kb / 7P
EH 52,5-C DS/ABS BK9005 - Upper housing part
2201755 PHOENIX-2201755 Datasheet
287Kb / 7P
EH 70-C DS/ABS BK9005 - Upper housing part
2201756 PHOENIX-2201756 Datasheet
62Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS ADAPTER KMGY
09/12/2020
More results

Similar Description - 2201753

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019570 PHOENIX-1019570 Datasheet
59Kb / 3P
Upper part of housing - ICS25-TL77X12-7035
2203883 PHOENIX-2203883 Datasheet
59Kb / 3P
Upper part of housing - ICS25-TL100X12-7035
2203887 PHOENIX-2203887 Datasheet
59Kb / 3P
Upper part of housing - ICS25-TL122X12-7035
1076876 PHOENIX-1076876 Datasheet
173Kb / 8P
Upper part of housing - ICS50-C122X12-9005
1076913 PHOENIX-1076913 Datasheet
183Kb / 7P
Upper part of housing - ICS50-TL100X12-5015
1076994 PHOENIX-1076994 Datasheet
167Kb / 8P
Upper part of housing - ICS50-TL100X12-7035
1076995 PHOENIX-1076995 Datasheet
156Kb / 8P
Upper part of housing - ICS50-C100X12-7035
2203880 PHOENIX-2203880 Datasheet
171Kb / 7P
Upper part of housing - ICS20-TL100X12-7035
2201448 PHOENIX-2201448 Datasheet
89Kb / 5P
Upper part of housing - EH 45 F-C SS/ABS BK9005
09/12/2020
2201742 PHOENIX-2201742 Datasheet
107Kb / 7P
Mounting base housing - EH 70-B/ABS GY7035
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com