Electronic Components Datasheet Search
  English  ▼

X  

AL58263Q Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL58263Q
Description  16-CHANNEL, 16-BIT PWM DIMMING LEDQ D RIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263Q Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL58263Q Datasheet HTML 9Page - Diodes Incorporated AL58263Q Datasheet HTML 10Page - Diodes Incorporated AL58263Q Datasheet HTML 11Page - Diodes Incorporated AL58263Q Datasheet HTML 12Page - Diodes Incorporated AL58263Q Datasheet HTML 13Page - Diodes Incorporated AL58263Q Datasheet HTML 14Page - Diodes Incorporated AL58263Q Datasheet HTML 15Page - Diodes Incorporated AL58263Q Datasheet HTML 16Page - Diodes Incorporated AL58263Q Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AL58263Q
Document number: DS46687 Rev. 2 - 2
13 of 26
www.diodes.com
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263Q
Q
Functional Descriptions (continued)
Reset APDM/PWM Counter (Set CMD[11] = ”1”)
EMI Reduction Grayscale Clock (Double-Edge Grayscale Clock)
GCK
1
65536
IOUT
Traditional Grayscale Clock (single-edge trigger)
A whole period of 16bits resolution must be composed by 65536 traditional grayscale clocks because constant current outputs only are triggered at
the rising edge of clocks. Therefore, a controller has to transmit fast grayscale clocks in order to accomplish high refresh rate when users adopt
traditional PWM chips. The AL58263Q supports a specific mode of double-edge grayscale clocks which trigger both at rising and falling edges of
clocks. By this approach, a whole period of 16bits resolution is composed by only 32768 double-edge grayscale clocks and the electromagnetic
interference would be decreased substantially due to slow grayscale clocks.
(AL58263Q)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com