Electronic Components Datasheet Search
  English  ▼

X  

G080N10M Datasheet(PDF) 2 Page - Goford Semiconductor

Part # G080N10M
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOFORD [Goford Semiconductor]
Direct Link  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor

G080N10M Datasheet(HTML) 2 Page - Goford Semiconductor

  G080N10M Datasheet HTML 1Page - Goford Semiconductor G080N10M Datasheet HTML 2Page - Goford Semiconductor G080N10M Datasheet HTML 3Page - Goford Semiconductor G080N10M Datasheet HTML 4Page - Goford Semiconductor G080N10M Datasheet HTML 5Page - Goford Semiconductor G080N10M Datasheet HTML 6Page - Goford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G080N10M
www.gofordsemi.com
TEL:0755-29961263
FAX:0755-29961466(A1798-V1.1)
Specifications TJ = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static Parameters
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250µA
100
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS = 100V, VGS = 0V
--
--
1
μA
Gate-Source Leakage
IGSS
VGS = ±20V
--
--
±
100
nA
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
1.0
1.7
2.5
V
Drain-Source On-Resistance
RDS(on)
VGS = 10V, ID = 30A
--
5.6
7.5
mΩ
VGS = 4.5V, ID = 30A
--
6.2
8.0
gFS
VGS = 5V, ID = 30A
--
59
--
S
Dynamic Parameters
Input Capacitance
Ciss
VGS = 0V,
VDS = 50V,
f = 1.0MHz
--
13950
--
pF
Output Capacitance
Coss
--
432
--
Reverse Transfer Capacitance
Crss
--
362
--
Total Gate Charge
Qg
VDD = 50V,
ID = 30A,
VGS = 10V
--
192
--
nC
Gate-Source Charge
Qgs
--
49
--
Gate-Drain Charge
Qgd
--
23
--
Turn-on Delay Time
td(on)
VDD = 50V,
ID = 30A,
RG = 4.7Ω
--
32
--
ns
Turn-on Rise Time
tr
--
118
--
Turn-off Delay Time
td(off)
--
80
--
Turn-off Fall Time
tf
--
27
--
Drain-Source Body Diode Characteristics
Continuous Body Diode Current
IS
TC = 25ºC
--
--
140
A
Body Diode Voltage
VSD
TJ = 25ºC, ISD = 30A, VGS = 0V
--
--
1.2
V
Reverse Recovery Charge
Qrr
IF = 30A, VGS = 0V
di/dt=100A/us
--
212
--
nC
Reverse Recovery Time
Trr
--
96
--
ns
Notes
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. EAS condition : Tj=25℃ ,VDD=50V,VGS=10V,L=0.5mH,Rg=25Ω
3. Identical low side and high side switch with identical RG
Forward Transconductance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com