Electronic Components Datasheet Search
  English  ▼

X  

A1261 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A1261
Description  Micropower Open Drain Output Hall Effect Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A1261 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A1261 Datasheet HTML 1Page - Master Analog Technology CO. A1261 Datasheet HTML 2Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A1261
Specification
Micropower Open Drain Output Hall Effect Switch
050423
www.masteranalog.com
Page 1 of 2
RD-30042
Rev 2.04
A1261 is a micro-package and micro-power omnipolar Hall switch, with wide operating voltage, high sensitivity and
larger current driver open drain output.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
6.0
V
Output Voltage, (VOUT)
6.0
V
Output Current, (ISINK)
10
mA
Operating Temperature
Range, (TA)
-40 ~ +85
℃
Storage Temperature
Range, (TS)
-65 ~ +150
℃
Package Power
Dissipation, (PD)
416 / 780
mW
Functional Block Diagram
Awake/Sleep
Timing Control
Amp
Control
Logic
Offset
Cancellation
VDD
Out
Hall
Sensor
Vss
SPD
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=1.8V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating(SPD=Lo)
1.7(2.0)
5.5
V
Supply Current, (IDD)
Awake State
1.5
3.0
mA
Sleep State
3.5
7.0
uA
Average (SPD= Lo)
5.0(350)
10(600)
uA
Output Saturation Voltage, (VDSON)
IOUT=5mA, B>BOPX
200
mV
Output Leakage Current, (IOFF)
VOUT=5.5V, B<BRPX
1.0
uA
Awake mode time, (TAW)
Operating
40
80
uS
Sleep mode time, (TSL)
Operating (SPD= Lo)
40(0.16) 80(0.32)
mS
Duty Cycle
, (D,C)
(SPD= Lo)
0.1(25)
%
Output Switch Frequency, (FSW)
(SPD=Lo)
10(200)
Hz
Electro-Static Discharge
HBM
4
KV
Operate Point,
BOPS(BOPN)
B>BOPS(B<BOPN), VOUT On
20(-55)
55(-20)
Gauss
Release Point,
BRPS(BRPN)
B<BRPS(B>BRPN), VOUT Off
10(-45)
45(-10)
Gauss
Hysteresis, (BHYS)
|BOPX - BRPX|
10
Gauss
CMOS Hall
Effect Switch
Supply Voltage
1.7 ~ 5.5V
BOPS:30 Gauss
BRPS:20 Gauss
BOPN:-30 Gauss
BRPN:-20 Gauss
Output
Open Drain
Package
DFN1010-4(D4)
DFN2020-6(D6)


Similar Part No. - A1261

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1260 ALLEGRO-A1260 Datasheet
444Kb / 13P
Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLT-T ALLEGRO-A1260ELHLT-T Datasheet
444Kb / 13P
Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLX-T ALLEGRO-A1260ELHLX-T Datasheet
444Kb / 13P
Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260EUA-T1 ALLEGRO-A1260EUA-T1 Datasheet
444Kb / 13P
Chopper-Stabilized Precision Vertical Hall-Effect Latch
logo
Vishay Siliconix
A1260HE VISHAY-A1260HE Datasheet
169Kb / 3P
Custom Capabilities Position Sensors and Variable Resistors
06-Oct-16
More results

Similar Description - A1261

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251 Datasheet
415Kb / 8P
Micropower CMOS Output Hall Effect Switch
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251_14 Datasheet
419Kb / 8P
Micropower CMOS Output Hall Effect Switch
logo
E-CMOS Corporation
EC2621 E-CMOS-EC2621 Datasheet
435Kb / 7P
Micropower CMOS Output Hall Effect Switch
EC2622 E-CMOS-EC2622 Datasheet
303Kb / 6P
Micropower CMOS Output Hall Effect Switch
logo
Shaoxing Devechip Micro...
SDC212 SDC-SDC212 Datasheet
452Kb / 10P
MicroPower Hall-Effect Switch
SDC213 SDC-SDC213 Datasheet
432Kb / 10P
MicroPower Hall-Effect Switch
SDC1215 SDC-SDC1215 Datasheet
555Kb / 10P
MicroPower Hall-Effect Switch
SDC8312 SDC-SDC8312 Datasheet
279Kb / 7P
MicroPower Hall-Effect Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com