Electronic Components Datasheet Search
  English  ▼

X  

HT82V805 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82V805
Description  CCD 4 Channel Vertical Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V805 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82V805 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V805 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V805 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V805 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V805 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V805 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V805 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V805 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V805 Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
20-pin TSSOP Outline Dimensions
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
1.05
¾
1.2
A1
0.05
¾
0.15
A2
0.95
¾
1.05
B
¾
0.22
¾
C
0.13
¾
0.17
D
6.4
¾
6.6
E
6.3
¾
6.5
E1
4.3
¾
4.5
e
¾
0.65
¾
L
0.45
¾
0.75
y
¾¾
0.1
q
0
°¾
8
°
HT82V805
Rev. 1.10
9
December 29, 2005
A 1
A
L
E 1
e
B
A 2
y
R 0 . 1 0
( 4 C O R N E R S )
E
C
q
D
1
1 0
1 1
2 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com