Electronic Components Datasheet Search
  English  ▼

X  

A1273 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A1273
Description  High Voltage Built-in Pull High Res Omni-polar Hall Effect Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A1273 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A1273 Datasheet HTML 1Page - Master Analog Technology CO. A1273 Datasheet HTML 2Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A1273
Specification
High Voltage Built-in Pull High Res Omni-polar Hall Effect Switch
050523
www.masteranalog.com
Page 1 of 2
RD-30057
Rev 1.02
A1273 is a omni-polar hall effect switch, with wide operating voltage and built-in pull high resistance output.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
28
V
Output Voltage, (VOUT)
28
V
Output Current, (ISINK)
25
mA
Operating Temperature
Range, (TA)
-40 ~ +125
℃
Storage Temperature
Range, (TS)
-55 ~ +150
℃
Package Power
Dissipation, (PD)
606 / 230
mW
Functional Block Diagram
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=12V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
2.5
26.0
V
Supply Current, (IDD)
B<BOP
2.5
5.0
mA
Output Saturation Voltage, (VDSON)
IOUT=20mA, B>BOP
500.0
mV
Output Leakage Current, (IOFF)
IOFF B<BRP, VOUT = 20V
10.0
uA
Output Rise Time, (TR)
CL =20pF
0.04
0.45
uS
Output Fall Time, (TF)
CL =20pF
0.18
0.45
uS
Electro-Static Discharge
HBM
4
KV
Pull-up Resistor, (RA)
10
KΩ
Operate Point,
BOPS(BOPN)
B>BOPS(B<BOPN), VOUT On
50(-110)
110(-50)
Gauss
Release Point,
BRPS(BRPN)
B<BRPS(B>BRPN), VOUT Off
30(-90)
90(-30)
Gauss
Hysteresis, (BHYS)
|BOP - BRP|
20
Gauss
DMOS Hall
Effect Switch
Supply Voltage
2.5 ~ 26V
BOPS:85 Gauss
BRPS:65 Gauss
BOPN:-85 Gauss
BRPN:-65 Gauss
Output
Pull High Res
Package
SIP-3(I3)
SOT-23(S3)
Voltage
Regulator
Amp
VDD
Out
Vss
Hall
Sensor
Pull-up Resistor
Hall
Sensor
RA
ICO


Similar Part No. - A1273

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
A1273 KEC-A1273 Datasheet
34Kb / 1P
Silicon PNP Transistor Epitaxial Planar Type(PCT PROCESS)
More results

Similar Description - A1273

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH253 TSC-TSH253 Datasheet
404Kb / 8P
High Sensitivity Omni-Polar Hall Effect Switch
TSH248 TSC-TSH248 Datasheet
209Kb / 8P
Micropower Omni-Polar Hall Effect Switch
logo
Winson Semiconductor Co...
WSH132 WINSON-WSH132 Datasheet
203Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
WSH133 WINSON-WSH133 Datasheet
201Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
WSH132 WINSON-WSH132_17 Datasheet
190Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
WSH133 WINSON-WSH133_17 Datasheet
190Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
logo
Texas Instruments
TMAG5123 TI-TMAG5123 Datasheet
2Mb / 32P
TMAG5123 In-Plane, High-Precision, High-Voltage, Hall-Effect Switch
logo
DIWELL Electronics Co.,...
WSH132 DIWELL-WSH132 Datasheet
183Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
2017/4/7
WSH133 DIWELL-WSH133 Datasheet
184Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
2017/4/7
logo
Diodes Incorporated
AH1925 DIODES-AH1925 Datasheet
593Kb / 9P
ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
September 2019 Rev. 1 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com