Electronic Components Datasheet Search
  English  ▼

X  

STP5NK80ZFP Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP5NK80ZFP
Description  N-channel 800V - 1.9廓 - 4.3A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK80ZFP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP5NK80ZFP Datasheet HTML 5Page - STMicroelectronics STP5NK80ZFP Datasheet HTML 6Page - STMicroelectronics STP5NK80ZFP Datasheet HTML 7Page - STMicroelectronics STP5NK80ZFP Datasheet HTML 8Page - STMicroelectronics STP5NK80ZFP Datasheet HTML 9Page - STMicroelectronics STP5NK80ZFP Datasheet HTML 10Page - STMicroelectronics STP5NK80ZFP Datasheet HTML 11Page - STMicroelectronics STP5NK80ZFP Datasheet HTML 12Page - STMicroelectronics STP5NK80ZFP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STP5NK80Z - STP5NK80ZFP
Electrical characteristics
9/15
Figure 13. Source-drain diode forward
characteristics
Figure 14. Normalized BVdss vs temperature
Figure 15. Avalanche energy vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com