Electronic Components Datasheet Search
  English  ▼

X  

MAX4905ETA-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4905ETA-T
Description  Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4905ETA-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4905ETA-T Datasheet HTML 2Page - Maxim Integrated Products MAX4905ETA-T Datasheet HTML 3Page - Maxim Integrated Products MAX4905ETA-T Datasheet HTML 4Page - Maxim Integrated Products MAX4905ETA-T Datasheet HTML 5Page - Maxim Integrated Products MAX4905ETA-T Datasheet HTML 6Page - Maxim Integrated Products MAX4905ETA-T Datasheet HTML 7Page - Maxim Integrated Products MAX4905ETA-T Datasheet HTML 8Page - Maxim Integrated Products MAX4905ETA-T Datasheet HTML 9Page - Maxim Integrated Products MAX4905ETA-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Low-RON, Dual-SPST/Single-SPDT Clickless
Switches with Negative Rail Capability
6
_______________________________________________________________________________________
ON-/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
10
100
1000
1
-40
85
VCC = 3.0V
ICOM(ON)
ICOM(OFF)
0
0.001
0.01
0.1
1
10
100
-3
-9
-12
-6
-15
-18
FREQUENCY RESPONSE
FREQUENCY (MHz)
VCC = 3.0V
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
1
0.01
0.1
VCC = 3.0V
RL = 32
Ω
0
0.001
0.01
0.1
1
10
100
-20
-60
-80
-40
-100
-120
OFF-ISOLATION AND CROSSTALK
vs. FREQUENCY
FREQUENCY (MHz)
VCC = 3.0V
OFF-ISOLATION
CROSSTALK
0
20
60
40
80
100
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
100
10k
1k
100k
1M
VCC = 1VRMS
DC BIAS = 3V
CL = 5pF
RL = 50
Ω
COMPARATOR THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.60
1.65
1.70
1.75
1.55
-40
85
VCC = 5.0V
VCMP- RISING
VCMP- FALLING
COMPARATOR THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-40
85
VCC = 3.0V
VCMP- RISING
VCMP- FALLING
0.94
0.96
0.98
1.00
1.02
0.92
Typical Operating Characteristics (continued)
(TA = +25°C, VCC = 3.0V, unless otherwise noted.)
-200
-100
100
0
200
300
-3
-1
0
-2
12345
CHARGE INJECTION
vs. VCOM
VCOM (V)
CL = 1nF
VCC = 5.0V
VCC = 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com