Electronic Components Datasheet Search
  English  ▼

X  

CS340602 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CS340602
Description  Fast Recovery Single Diode Modules 20 Amperes/600-1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CS340602 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CS340602 Datasheet HTML 1Page - Powerex Power Semiconductors CS340602 Datasheet HTML 2Page - Powerex Power Semiconductors CS340602 Datasheet HTML 3Page - Powerex Power Semiconductors CS340602 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D-8
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CS340602, CS341202
Fast Recovery Single Diode Modules
20 Amperes/600-1200 Volts
INSTANTANEOUS ON-STATE CURRENT, IFM,
(AMPERES)
MAXIMUM
ON-STATE CHARACTERISTICS
10-1
100
101
102
0.6
1.0
1.4
1.8
2.2
2.6
Tj = 25
oC
CYCLES AT 60 HZ
MAXIMUM ALLOWABLE PEAK SURGE
(NON-REPETITIVE) CURRENT
0
100
200
300
400
500
100
101
102
MAXIMUM
ALLOWABLE CASE TEMPERATURE
AVERAGE ON-STATE CURRENT, IF(AV),
(AMPERES)
020
10
110
150
DC
140
130
120
MAXIMUM ON-STATE POWER DISSIPATION
(SINUSOIDAL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
020
10
0
40
10
20
30
INSTANTANEOUS ON-STATE CURRENT, IFM,
(AMPERES)
REVERSE RECOVERY
CHARACTERISTICS
101
102
100
101
102
100
101
100
10-1
VR = 600V
di/dt = -50A/µs
Qrr
trr
Irr
Tj = 25
oC
Tj = 150
oC
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
0
0.4
0.8
1.2
1.6
2.0
100
101
10-3
10-2
10-1
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com