Electronic Components Datasheet Search
  English  ▼

X  

B2581 Datasheet(PDF) 2 Page - EPCOS

Part # B2581
Description  Spectrum Shaping Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B2581 Datasheet(HTML) 2 Page - EPCOS

  B2581 Datasheet HTML 1Page - EPCOS B2581 Datasheet HTML 2Page - EPCOS B2581 Datasheet HTML 3Page - EPCOS B2581 Datasheet HTML 4Page - EPCOS B2581 Datasheet HTML 5Page - EPCOS B2581 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Feb 01, 2000
SAW Components
B2581
70,00 MHz
Spectrum Shaping Filter
Data Sheet
Metal package DIP16
Features
s
Spectrum shaping filter for digital radio systems
s
High performance passband
s
Constant group delay
s
Hermetically sealed metal package
Terminals
s
Gold plated NiFeCo alloy
Dimensions in mm, approx. weight 4,2 g
Pin configuration
2
Input - ground
3
Input
10
Output - ground
11
Output
1, 5, 8, 9, 12, 16 Case - ground
6, 7, 14 15
Not connected
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B2581
B39700-B2581-E110
C61157-A7-A11
F61074-V8073-Z000
Maximum ratings
Operable temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
0V
Source power
Ps
15
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com