Electronic Components Datasheet Search
  English  ▼

X  

CS103-C246 Datasheet(PDF) 1 Page - DFI Inc

Part # CS103-C246
Description  9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS103-C246 Datasheet(HTML) 1 Page - DFI Inc

  CS103-C246 Datasheet HTML 1Page - DFI Inc CS103-C246 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Information
CS103-Q370/C246
Mechanical Drawing
Block Diagram
0
22.86
35.03
54.00
114.92
124.21
129.00
148.21
154.94
0
20.57
32.56
46.91
54.00
129.00
138.18
143.55
154.94
159.84
10.16
Features
9th/8th Gen Intel® CoreTMProcessor
Thin Mini-ITX
Channel A
2666MHz
Channel B
2666MHz
Audio Line out &
Mic in
USB 3.1 Gen 2
Q370/
C246
PCIe x4
USB 2.0
DDR4 DIMM 2x
DDR4 DIMM 2x
LGA 1151
ALC888
PCIe x4 1x
PTN3460
MDI
DP++
eDP
PCIe x1
GLAN I219LM
Digital I/O 8-bit
SMBus
SMBus
SPI BIOS
SPI Bus
DDI
DP++
PCIe Finger
PCIe
PCIe
Super I/O with WDT
FAN Control
H/W Monitor
Case Open
MDI
LAN 1x
USB 3.1 Gen 2
USB 2.0
PCIe x1
GLAN I211AT
MDI
USB 2.0
LPC
USB 2.0 4x
RS232 2x
SATA 3.0
SATA 2x
LPC
LPC Header
TPM 2.0
DDI
eDP Switch
LVDS
PCIe
M.2 E key
PCIe/SATA
M.2 M key
USB 2.0
USB 3.1 Gen 2
2x
LAN 1x
USB 3.1 Gen 2
2x
RS232/422/485
2x
PCIe Finger
• 2 DDR4 2400/2666MHz SODIMM up to 32GB
• Three independent displays:
LVDS + DP++ + DP++
• DP++ resolution supports up to 4096x2304 @ 60Hz
• Multiple Expansions:
1 PCIe x4 Gen 3, 1 M.2 2280 M Key, 1 M.2 2230 E Key
• Storage: 2 SATA 3.0
• Rich I/O: 2 Intel GbE, 4 COM, 4 USB 3.1 Gen 2, 4 USB 2.0
DP++
Thin
Mini-ITX
25mm
4K2K
Display
4096x2304
Model Name P/N
Memory LVDS DP++ GbE RS-232 RS-232/422/485 USB 3.1 Gen 2 USB 2.0 SATA 3.0 TPM Power
Temp.
CS103-Q370 770-CS1032-100G 2 SODIMM 1
2
2
2
2
4
4
2
2.0
9-36V DC -5 to 65°C
CS103-C246 770-CS1032-200G 2 SODIMM 1
2
2
2
2
4
4
2
2.0
9-36V DC -5 to 65°C
Desktop
DDR4
SATA 3.0
Q370
C246
LAN 1
PCIe x4
DDR4_1
SODIMM
DDR4_2
SODIMM
LAN 2
LPC
M.2 E key
DC-in
Intel Core
i7/i5/i3
Intel Q370
DP++
CPU Fan
COM 2~4
Bottom View
M.2 M Key
USB 3.1 Gen1
DIO SATA 3.0 SATA Power
LVDS
Front Panel
COM 1
USB 2.0
USB 3.1 Gen1
Front Autio
DIO Power
System Fan
*The photos above refer to C103-Q370.
Top View


Similar Part No. - CS103-C246

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS103-H310 DFI-CS103-H310 Datasheet
986Kb / 2P
9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
More results

Similar Description - CS103-C246

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
WL051 DFI-WL051 Datasheet
877Kb / 2P
8th Gen Intel Core Processor 2.5" Pico-ITX
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
logo
AAEON Technology
MIX-H310A1 AAEON-MIX-H310A1 Datasheet
689Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
MIX-Q370A1 AAEON-MIX-Q370A1 Datasheet
670Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
logo
BCM Advanced Research.
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
MX310HD BCM-MX310HD Datasheet
530Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, DC-Power
10/24/2022
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com