Electronic Components Datasheet Search
  English  ▼

X  

CS330-Q370 Datasheet(PDF) 1 Page - DFI Inc

Part # CS330-Q370
Description  9th/8th Gen Intel® CoreTM Processor microATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS330-Q370 Datasheet(HTML) 1 Page - DFI Inc

  CS330-Q370 Datasheet HTML 1Page - DFI Inc CS330-Q370 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCIe x16
SATA 3.0
ATX power
+12V
power
LGA
1151
Intel Q370
DDR4_1
USB 2.0
PS/2
KB/MS
LAN 2
COM 1
DVI-I
USB 3.1
Gen 1
Line-out
Mic-in
DP++
VGA
DDR4_3
DIO
USB 3.1
Gen 2
DDR4_2
DDR4_4
USB 2.0
CPU Fan
CS330-Q370
Mechanical Drawing
Block Diagram
n10.00
n4.00
243.84
0.00
14.68
160.45
237.49
85.45
33.02
10.16
165.10
Features
9th/8th Gen Intel® CoreTM Processor
microATX
Channel A
2400MHz
Channel B
2400MHz
Audio Jack
(Line-out, Mic-in)
Co-layout
(Jack w/ Line-in)
S/PDIF
Front Audio
USB 3.1
Q370
PCIe x16
USB 2.0
DDR4 DIMM 2x
DDR4 DIMM 2x
LGA 1151
DDI
DVI-D
ALC888
PCIe x16 1x
IT6516BFN
DDI
VGA
R.G.B
PCIe x1
GLAN I219LM
PCIe x4 1x
PCIe x4
ITE8893
PCIe x1
PCI 2x
PCI
Digital I/O 8-bit
SMBus
SMBus
SPI BIOS
SPI Bus
DDI
DP++
Full Size
Mini PCIe
SATA 3.0
USB 2.0
PCIe x1
Super I/O with WDT
FAN Control
H/W Monitor
Case Open
MDI
LAN 1x
USB 3.1 Gen 1 2x
USB 3.1
USB 2.0
PCIe x1
GLAN I210AT
MDI
LAN 1x
USB 3.1 Gen 2 2x
USB 2.0
LPC
PS/2 KB/MS
USB 2.0 2x
RS232 4x
RS232/422/485 2x
SATA 3.0
USB 2.0
SATA 4x
USB 3.1 Gen 1 2x
USB 3.1
LPC
LPC Header
TPM 1.2/2.0 (opt.)
USB 2.0
USB 2.0 4x
Ordering Information
Model Name
P/N
Memory GbE RS-232
/422/485 RS-232
USB 3.1
Gen 1
USB 3.1
Gen 2
USB
2.0
TPM
2.0
Power
Thermal Temp.
CS330-Q370CRM 770-CS3303-100G 4 DIMM 2
2
4
4
2
6
0
24-pin ATX/8-pin ATX 12V Active
0 to 60oC
CS330-Q370CRM 770-CS3303-300G 4 DIMM 2
2
4
4
2
6
1
24-pin ATX/8-pin ATX 12V Active
0 to 60oC
• 4 DDR4 DIMM up to 128GB
• Three display ports: VGA, DVI-D, DP++
Supports three independent displays
• DP++ resolution up to 4096x2160 @ 60Hz
DVI-D resolution up to 1920x1200 @ 60Hz
• Multiple expansion: 1 PCIe x16, 1 PCIe x4, 2 PCI, 1 Mini PCIe
• Rich I/O: 2 Intel GbE, 6 COM, 2 USB 3.1 Gen 2, 4 USB 3.1
Gen 1, 6 USB 2.0
Q370
Desktop
3 Displays
DP++
DDR4
USB 3.1
Gen 1
COM 4-6
Mini PCIe
LPC
SMBus
COM 2-3
System
Fan_2
System
Fan_1
TPM (Opt.)
12 USB
6 COM
SATA 3.0
PCIe x4
PCI 1
PCI 2
LAN LED
Front
Panel
LAN 1


Similar Part No. - CS330-Q370

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS330 COTO-CS330 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 400V Maximum
CS330 COTO-CS330 Datasheet
624Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
List of Unclassifed Man...
CS330026 ETC-CS330026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS330060 ETC-CS330060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS330075 ETC-CS330075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS330-Q370

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
logo
AAEON Technology
BOXER-6842M AAEON-BOXER-6842M Datasheet
1Mb / 2P
Fanless Embedded Controller with 8th/9th Generation Intel® Processor
2022/04/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com