Electronic Components Datasheet Search
  English  ▼

X  

CS350-Q370 Datasheet(PDF) 2 Page - DFI Inc

Part # CS350-Q370
Description  9th/8th Gen Intel® CoreTM Processor microATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS350-Q370 Datasheet(HTML) 2 Page - DFI Inc

  CS350-Q370 Datasheet HTML 1Page - DFI Inc CS350-Q370 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CS350-Q370
Specifications
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 15, 2023 DFI Inc.
• 1 CS350-Q370 motherboard
• 1 COM port cable
(W/Bracket, Length: 300mm, 2 x COM ports)
A81-015026-023G
• 1 Serial ATA data cable (W/LOCK, Length: 500mm)
332-553001-005G
• 1 I/O shield
A49-CS3501-000G
• M.2 Standoff
A33-725019-090G
• M.2 Screw
A32-112016-041G
• USB 2.0 port cable (Length: 350mm)
A81-001066-016G
• USB3.1 Gen2 port cable (Length: 300mm)
A81-001075-017G
• COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
• Serial ATA data cable (Length: 500mm, W/LOCK)
332-553001-005G
• Thermal solution (For 35W, Height: 37.3mm)
A71-101107-000G
• Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
• Thermal solution (For 95W, Height: 77.2mm)
761-103001-000G
• DP to HDMI Dongle
612-D2H13M-000G
SYSTEM
Processor
8th Generation Intel® Core™ /Pentium®/Celeron® LGA 1151 Socket Processors, TDP support up to 95W:
Intel® Core™ i7-8700 (6 Cores, 12M Cache, up to 4.6 GHz); 65W
Intel® Core™ i7-8700T (6 Cores, 12M Cache, up to 4.0 GHz); 35W
Intel® Core™ i5-8500 (6 Cores, 9M Cache, up to 4.1 GHz); 65W
Intel® Core™ i5-8500T (6 Cores, 9M Cache, up to 3.5 GHz); 35W
Intel® Core™ i3-8100 (4 Cores, 6M Cache, 3.6 GHz); 65W
Intel® Core™ i3-8100T (4 Cores, 6M Cache, to 3.1 GHz); 35W
Intel® Pentium® G5400 (2 Cores, 4M Cache, 3.7 GHz); 58W
Intel® Pentium® G5400T (2 Cores, 4M Cache, 3.1 GHz); 35W
Intel® Celeron® G4900 (2 Cores, 2M Cache, 3.1 GHz); 54W
Intel® Celeron® G4900T (2 Cores, 2M Cache, 2.9 GHz); 35W
9th Generation Intel® Core™ LGA 1151 Socket Processors, TDP support up to 95W:
Intel® Core™ i7-9700E (8 Cores, 12M Cache, up to 4.4 GHz); 65W
Intel® Core™ i7-9700TE (8 Cores, 12M Cache, up to 3.8 GHz); 35W
Intel® Core™ i5-9500E (6 Cores, 9M Cache, up to 4.2 GHz); 65W
Intel® Core™ i5-9500TE (6 Cores, 9M Cache, up to 3.6 GHz); 35W
Intel® Core™ i3-9100E (4 Cores, 6M Cache, 3.7 GHz); 65W
Intel® Core™ i3-9100TE (4 Cores, 6M Cache, to 3.2 GHz); 35W
Chipset
Intel® Q370 Chipset
Memory
Four 288-pin DIMM up to 128GB
Dual Channel DDR4 2400/2666 MHz (non ECC support)
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x DP++
1 x HDMI 1.4b
1 x DVI-I (DVI-D signal)
DVI-D: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2106 @ 60Hz
HDMI: resolution up to 4096x2160@ 24Hz
Triple Displays
DVI-D + DP++ + HDMI 1.4b
EXPANSION
Interface
2 x PCIe x16 (Gen 3) (1 x16 signals or 2 x8 signals)
2 x PCIe x4 (Gen 3)
1 x M.2 2230 E key (PCIe x1/USB2.0/intel CNVi support)
1 x M.2 2242/2260/2280 M key (PCIe Gen3 x 4 NVMe)
AUDIO
Audio Codec
Realtek ALC888
ETHERNET
Controller
1 x Intel® i219LM PCIe (10/100/1000Mbps) with iAMT 12.0 (only Core i7/i5 supports iAMT)
1 x Intel® i211AT PCIe (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
2 x USB 3.1 Gen 2
2 x USB 2.0
2 x USB 3.1 Gen 1
Serial
1 x RS-232/422/485 (RS-232 w/ power) (DB-9)
PS/2
1 x PS/2 (mini-DIN-6)
Display
1 x DP++
1 x DVI-I (DVI-D signal)
1 x HDMI
Audio
1 x Line-out
1 x Mic-in
1 x Line-in (colay, opt. by request, MOQ required)
INTERNAL I/O
Serial
1 x RS-232/422/485 (RS-232 w/ power) (2.54mm pitch)
2 x RS-232
USB
2 x USB 3.1 Gen 2
4 x USB 2.0 (2.54mm pitch) (1 x USB 2.0 colay vertical Type A) (opt. by request, MOQ required)
Audio
1 x S/PDIF, 1 x Front Audio Header
SATA
6 x SATA 3.0 (up to 6Gb/s) RAID 0/1/5/10
DIO
1 x 8-bit DIO
LPC
1 x LPC
SMBus
1 x SMBus
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 sec/min
SECURITY
TPM
Infineon TPM 2.0 (Available Upon Request, MOQ required)
POWER
Type
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
Consumption
Typical: i7-8700K: 3.3V @ 0.16A (0.53Watt); 5V @ 0.44A (2.2Watt); 12V @ 0.55A (6.6Watt)
Max.: i7-8700K:3.3V @ 0.35A (1.16Watt); 5V @ 1.34A (6.7Watt); 12V @ 12.54A (150.48Watt)
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Windows 10 IoT Enterprise 64-bit
Linux: Ubuntu 18.04
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery; -40 to 85°C without RTC Battery
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
548,936 hrs @ 25°C; 308,161 hrs @ 45°C ; 191,020 hrs @ 60°C ; 162,350 hrs @ 65°C
MECHANICAL
Dimensions
microATX form factor
244mm (9.6") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: TBD, Bottom Side: TBD
CERTIFICATIONS
CE, FCC, RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com