Electronic Components Datasheet Search
  English  ▼

X  

CS650-Q370 Datasheet(PDF) 1 Page - DFI Inc

Part # CS650-Q370
Description  9th/8th Gen Intel® CoreTM Processor ATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS650-Q370 Datasheet(HTML) 1 Page - DFI Inc

  CS650-Q370 Datasheet HTML 1Page - DFI Inc CS650-Q370 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Q370
CS631-Q370
Mechanical Drawing
Block Diagram
10.16
0.00
22.86
154.94
227.33
154.94
227.33
75.29
150.29
46.94
29.22
203.53
Features
9th/8th Gen Intel® CoreTMProcessor
ATX
Audio Jack
(Line-out/Mic-in)
Co-layout
(Jack w/Line-in)
S/PDIF
USB 3.1 Gen1
Q370
USB 2.0
DDR4 ECC DIMM 1x
Core i7/i5/i3
DP++
ALC888
IT6516BFN
DDI
VGA
R.G.B
PCIe x1
GLAN I219LM
DDI
DP++
Super I/O with WDT
FAN Control
H/W Monitor
Case Open
MDI
LAN 1x
USB 3.1 Gen1
2x
USB 3.1 Gen2
USB 2.0
PCIe x1
GLAN I210AT
MDI
LAN 1x
USB 3.1 Gen2
2x
USB 2.0
LPC
P S/2 KB/MS
USB 2.0 2x
RS232 4x
RS232/422/285
2x
DDI
Channel A
2400/2666MHz
Channel B
2400/2666MHz
DDR4 DIMM 1x
Channel B
2400/2666MHz
Channel A
2400/2666MHz DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
HDA
Front Audio
Header
PCIe
PCIe x 16 slot 2x
(1 x16 or 2 x8 signal)
Ordering Information
Model Name
P/N
Memory GbE RS-232/
422/485 RS-232 USB3.1 Gen 2 USB3.1 Gen 1 USB 2.0 TPM 2.0 Power
Thermal Temp.
CS650-Q370CRM 770-CS6503-100G 4 DIMM 2
2
4
2
4
6
0
24-pin ATX Active
-5 to 65oC
CS650-Q370CRM 770-CS6503-300G 4 DIMM 2
2
4
2
4
6
1
24-pin ATX Active
-5 to 65oC
4K2K
Display
4096x2160
VGA
PS/2 KB/MS
USB 2.0
LAN 2
ATX Power
DDR4_1
PCIe x16
LGA 1151
COM 1
LAN 1
Line-out
Mic-in
PCIe x1
CPU Fan
12V power
DDR4_2
3 Displays
System
Fan_1
COM 2
COM 3
COM 4
COM 5
System
Fan_2
PCIe x4
PCIe x4
PCIe x4
PCI
PCIe x16
DDR4
COM ESD
Protection
air gap ±15kv
AMT
• 4 DDR4 DIMM up to 128GB
• 3 independent displays:
VGA + DP++ + DP++
• DP++ resolution up to 4096x2160 @ 60Hz
• Multiple expansion:
2 PCIe x16 (1 x16 signal or 2 x8 signals), 3 PCIe x4, 1
PCIe x1, 1 PCI, 1 Full-sized Mini PCIe, 1 M.2 M key
• Rich I/O: 2 Intel GbE, 6 COM, 2 USB 3.1 Gen 2, 4 USB 3.1
Gen 1, 6 USB 2.0
DDR4_3
DDR4_4
Intel Q370
DP++
Desktop
DP++
USB
3.1
Gen 2
USB
3.1
Gen 1
LAN LED
DIO
M.2 M key
DFI's
Proprietary
Technology
2 Extension Modules for Additional 4 COM Ports
(via the LPC connector)
EXT-RS232
- 4 RS232
EXT-RS485
- 4 RS485
DFI Motherboard
EXT-RS232/RS485
Additional 4 COM
CS650-Q370
System
Fan_3
SATA 3.0
USB 3.1 Gen1
mSATA
Mini PCIe
Front Panel
USB 2.0
USB 2.0
vertical
Type A
COM 6


Similar Part No. - CS650-Q370

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS650-C246 DFI-CS650-C246 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor ATX
logo
Campbell Scientific Uni...
CS650-DS CAMPBELL-CS650-DS Datasheet
889Kb / 3P
Soil Water Content Reflectometers
March 14, 2017
CS650-VS CAMPBELL-CS650-VS Datasheet
889Kb / 3P
Soil Water Content Reflectometers
March 14, 2017
More results

Similar Description - CS650-Q370

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
logo
AAEON Technology
MAX-H310A AAEON-MAX-H310A Datasheet
613Kb / 2P
Micro-ATX Industrial Motherboard with 8th/9th Generation Intel® Core™ Processor, DDR4 DRAM
2022/10/05
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com