Electronic Components Datasheet Search
  English  ▼

X  

5407 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 5407
Description  Bipolar TTL Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

5407 Datasheet(HTML) 1 Page - Silicon Supplies

  5407 Datasheet HTML 1Page - Silicon Supplies 5407 Datasheet HTML 2Page - Silicon Supplies 5407 Datasheet HTML 3Page - Silicon Supplies 5407 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
www.siliconsupplies.com
Die Size (Unsawn)
1450 x 1400
57 x 55
µm
mils
Minimum Bond Pad Size
140 x 140
5.5 x 5.5
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Bipolar TTL Logic – 5407
High Voltage Hex Buffer / Driver Logic IC in bare die form
High Sink-Current Capability: 30mA
High Voltage Open-Collector Driver
Minimum breakdown voltage: 30V
Input Clamp Diodes minimize transmission-line effects
TTL compatible inputs
Direct drop-in replacement for obsolete components in
long term programs.
Rev 1.0
29/07/20
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Description
Die Dimensions in µm (mils)
1450 (57)
The 5407 comprises x6 buffer/drivers with high voltage
open-collector outputs. The device finds use as high-level
circuit interface or for driving high-current loads and is also
characterised to drive TTL inputs as buffer. The device has
a 30V minimum breakdown voltage and 30mA maximum
sink current.


Similar Part No. - 5407

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
5407 SS-5407 Datasheet
440Kb / 4P
Bipolar TTL Logic
logo
Heyco.
5407 HEYCO-5407 Datasheet
380Kb / 2P
Full Thickness Male Blades
logo
Christian Bürkert GmbH ...
5407 BURKERT-5407 Datasheet
678Kb / 8P
Direct-acting 2/2 way lifting armature valve
26.11.2020
5407 BURKERT-5407 Datasheet
555Kb / 8P
Piston valve 2/2-way servo-assisted
15.01.2024
logo
Festo Corporation.
540781 FESTO-540781 Datasheet
107Kb / 1P
Pressure gauge kit
More results

Similar Description - 5407

ManufacturerPart #DatasheetDescription
logo
NEC
UPB6100 NEC-UPB6100 Datasheet
782Kb / 10P
BIPOLAR TTL GATE ARRAYS
logo
Epson ToYoCom
TCO-711S4 EPSONTOYOCOM-TCO-711S4 Datasheet
426Kb / 1P
TTL logic output
TCO-711STH EPSONTOYOCOM-TCO-711STH Datasheet
429Kb / 1P
TTL logic output
logo
NEC
UPB421C NEC-UPB421C Datasheet
234Kb / 6P
2048 BIT BIPOLAR TTL
UPB424C NEC-UPB424C Datasheet
213Kb / 5P
4096 BIT BIPOLAR TTL
logo
Silicon Supplies
5406 SS-5406 Datasheet
295Kb / 4P
Bipolar TTL Logic
7406 SS-7406 Datasheet
295Kb / 4P
Bipolar TTL Logic
5407 SS-5407 Datasheet
440Kb / 4P
Bipolar TTL Logic
7406 SS-7406_V01 Datasheet
434Kb / 4P
Bipolar TTL Logic
7407 SS-7407 Datasheet
439Kb / 4P
Bipolar TTL Logic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com