Electronic Components Datasheet Search
  English  ▼

X  

74ACT240 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT240
Description  Advanced CMOS TTL Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT240 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT240 Datasheet HTML 1Page - Silicon Supplies 74ACT240 Datasheet HTML 2Page - Silicon Supplies 74ACT240 Datasheet HTML 3Page - Silicon Supplies 74ACT240 Datasheet HTML 4Page - Silicon Supplies 74ACT240 Datasheet HTML 5Page - Silicon Supplies 74ACT240 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced CMOS TTL Input – 74ACT240
Octal 3-State Inverting Buffer / Line Driver / Line Receiver in bare die form
Rev 1.1
30/11/21
Outputs Source/Sink 24mA
Low input current: 1µA
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Die Size (Unsawn)
1750 x 1700
69 x 67
µm
mils
Minimum Bond Pad Size
130 x 130
5.12 x 5.12
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Operating voltage range: 4.5V to 5.5V
Function compatible with 74FCT240 & 74LS240
Lower power alternative to Bipolar or BiCMOS logic
For non-inverting version pleae see 74ACT244
Features:
Ordering Information
Description
Die Dimensions in µm (mils)
The 74ACT240 is produced on a 1.5µm 5V CMOS process
combining high speed LSTTL performance with CMOS low
power. The device can be used as two 4-bit buffers or one
8-bit buffer & features inverting inputs with two output
enables, each controlling four of the 3-state outputs. The
device is designed to improve performance & density in
clock drivers, 3-state memory address drivers & bus
orientated transmitters and receivers. Device inputs directly
accept TTL without use of pull-up resistors. Inputs are also
equipped with protection circuits against static discharge
and transient excess voltage.
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
1750 (69)
54ACT240
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 6
www.siliconsupplies.com


Similar Part No. - 74ACT240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT240 STMICROELECTRONICS-74ACT240 Datasheet
78Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Apr-1997
logo
Fairchild Semiconductor
74ACT240 FAIRCHILD-74ACT240 Datasheet
88Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74ACT240 FAIRCHILD-74ACT240 Datasheet
502Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74ACT240 ONSEMI-74ACT240 Datasheet
108Kb / 10P
Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
STMicroelectronics
74ACT240 STMICROELECTRONICS-74ACT240 Datasheet
203Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
More results

Similar Description - 74ACT240

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com