Electronic Components Datasheet Search
  English  ▼

X  

74ACT244 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 74ACT244
Description  Advanced CMOS TTL Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT244 Datasheet(HTML) 4 Page - Silicon Supplies

  74ACT244 Datasheet HTML 1Page - Silicon Supplies 74ACT244 Datasheet HTML 2Page - Silicon Supplies 74ACT244 Datasheet HTML 3Page - Silicon Supplies 74ACT244 Datasheet HTML 4Page - Silicon Supplies 74ACT244 Datasheet HTML 5Page - Silicon Supplies 74ACT244 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
DC Electrical Characteristics (Voltages Referenced to GND)
Advanced CMOS TTL Input – 74ACT244
Rev 1.0
24/04/19
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
4.5V
2
2
2
Minimum High-Level
Input Voltage
VIH
5.5V
VOUT = 0.1V or
VCC -0.1V
2
2
2
V
4.5V
0.8
0.8
0.8
Maximum Low-Level
Input Voltage
VIL
5.5V
VOUT = 0.1V or
VCC -0.1V
0.8
0.8
0.8
V
4.5V
4.4
4.4
4.4
5.5V
IOUT = -50µA
5.4
5.4
5.4
V
4.5V
3.86
3.76
3.76
Minimum High-Level
Output Voltage
VOH
5.5V
VIN = VIL or VIH
4
IOH = -24mA
4.86
4.76
4.76
V
4.5V
0.1
0.1
0.1
5.5V
IOUT = 50µA
0.1
0.1
0.1
V
4.5V
0.36
0.44
0.44
Maximum Low-Level
Output Voltage
VOL
5.5V
VIN = VIL or VIH
4
IOL = 24mA
0.36
0.44
0.44
V
Maximum Input
Leakage Current
IIN
5.5V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum 3-State
leakage current
IOZ
5.5V
VOUT=VCC or GND
VIN = VIL or VIH
±0.5
±2.5
±2.5
µA
Additional Maximum
ICC / Input
ΔICCT
5.5V
VIN = VCC -2.1V
1
1.5
1.5
mA
IOLD
5.5V
VOLD = 1.65V Max
-
75
75
Minimum Dynamic
Output Current
6
IOHD
5.5V
VOHD = 3.85V Min
-
-75
-75
mA
Maximum Quiescent
Supply Leakage
Current
ICC
5.5V
VIN = VCC or GND
IOUT = 0µA
8
40
40
µA
4. 0˚C ≤ TJ ≤ +85˚C 5. All outputs loaded; thresholds on input associated with output under test. 6. Maximum test duration 2.0 ms, one output
loaded at a time.
AC Electrical Characteristics7
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
Propagation Delay
1A to 1Y or 2A to 2Y
tPLH, tPHL
5V ±0.5
CL = 50pF
9
10
10
ns
tPZH
8.5
9.5
9.5
Output Enable Time
OE to 1Y or 2Y
tPZL
5V ±0.5
CL = 50pF
9.5
10.5
10.5
ns
tPHZ
9.5
10.5
10.5
Output Disable Time
OE to 1Y or 2Y
tPLZ
5V ±0.5
CL = 50pF
10
10.5
10.5
ns
 
7. Not production tested in die form, characterized by chip design and tested in package.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com