Electronic Components Datasheet Search
  English  ▼

X  

74ALS00 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ALS00
Description  Advanced Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ALS00 Datasheet(HTML) 1 Page - Silicon Supplies

  74ALS00 Datasheet HTML 1Page - Silicon Supplies 74ALS00 Datasheet HTML 2Page - Silicon Supplies 74ALS00 Datasheet HTML 3Page - Silicon Supplies 74ALS00 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1300 x 1200
51 x 47
µm
mils
Minimum Bond Pad Size
130 x 130
5.12 x 5.12
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Advanced Low Power Schottky Logic – 74ALS00
Quad 2-Input NAND Gates in bare die form
High speed – 3ns (Min) propagation delay
Direct drop-in replacement for obsolete
components in long term programs.
Rev 1.1
23/01/24
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54ALS00 
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (300 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Die Dimensions in µm (mils)
1300 (51)
74ALS00 provides x4 independent 2-input NAND gates
performing the Boolean function Y = A • B or Y = A + B.
The device is fabricated using a 1.5µm 40V Bipolar
process. Internal circuitry comprises of 3 stages and
includes buffered outputs for high noise immunity and
stability. All inputs are equipped with protection circuits
against static discharge and transient excess voltage.
 
Description


Similar Part No. - 74ALS00

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74ALS00 SS-74ALS00 Datasheet
346Kb / 4P
Advanced Low Power Schottky Logic
74ALS00 SS-74ALS00 Datasheet
292Kb / 4P
Advanced Low Power Schottky Logic
Rev 1.1 23/01/24
logo
NXP Semiconductors
74ALS00A PHILIPS-74ALS00A Datasheet
99Kb / 8P
Quad 2-Input NAND gate
1991 Feb 08
74ALS00AD PHILIPS-74ALS00AD Datasheet
99Kb / 8P
Quad 2-Input NAND gate
1991 Feb 08
74ALS00ADB PHILIPS-74ALS00ADB Datasheet
99Kb / 8P
Quad 2-Input NAND gate
1991 Feb 08
More results

Similar Description - 74ALS00

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74LS164 SS-74LS164 Datasheet
441Kb / 5P
Low Power Schottky Logic
54ALS00 SS-54ALS00 Datasheet
347Kb / 4P
Advanced Low Power Schottky Logic
54ALS08 SS-54ALS08 Datasheet
401Kb / 4P
Advanced Low Power Schottky Logic
74ALS00 SS-74ALS00 Datasheet
346Kb / 4P
Advanced Low Power Schottky Logic
74ALS08 SS-74ALS08 Datasheet
400Kb / 4P
Advanced Low Power Schottky Logic
54ALS93 SS-54ALS93 Datasheet
413Kb / 5P
Advanced Low Power Schottky Logic
74ALS93 SS-74ALS93 Datasheet
412Kb / 5P
Advanced Low Power Schottky Logic
54ALS51 SS-54ALS51 Datasheet
590Kb / 4P
Advanced Low Power Schottky Logic
Rev 1.0 24/11/17
54ALS86 SS-54ALS86 Datasheet
503Kb / 4P
Advanced Low Power Schottky Logic
Rev 1.0 01/11/22
74ALS86 SS-74ALS86 Datasheet
502Kb / 4P
Advanced Low Power Schottky Logic
Rev 1.0 01/11/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com