Electronic Components Datasheet Search
  English  ▼

X  

74HC03 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74HC03
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC03 Datasheet(HTML) 1 Page - Silicon Supplies

  74HC03 Datasheet HTML 1Page - Silicon Supplies 74HC03 Datasheet HTML 2Page - Silicon Supplies 74HC03 Datasheet HTML 3Page - Silicon Supplies 74HC03 Datasheet HTML 4Page - Silicon Supplies 74HC03 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1200 x 1350
47 x 53
µm
mils
Minimum Bond Pad Size
106 x 106
4.17 x 4.17
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
High Speed CMOS Logic – 74HC03
Quad 2-Input Open Drain NAND Gate in bare die form
Output Drive Capability: 10 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 74LS03.
Rev 1.0
16/04/18
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54HC03
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 74HC03 is fabricated using a 2.5µm 5V CMOS process
and has the same high speed performance of LSTTL
combined with CMOS low power consumption. This device
is comprised of 3 stages including buffer output, which
enables high noise immunity with stable output. With an
external pull-up resistor the device can be used in wired
AND configuration. This device can be also used as an LED
driver and in any other application requiring a current sink.
All inputs are protected from damage due to static
discharge by internal diode clamps to VCC and Ground.
Description
Die Dimensions in µm (mils)
1200 (47)


Similar Part No. - 74HC03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC03 PHILIPS-74HC03 Datasheet
55Kb / 8P
Quad 2-input NAND gate
December 1990
logo
Silicon Supplies
74HC03 SS-74HC03 Datasheet
407Kb / 5P
High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC03 NEXPERIA-74HC03 Datasheet
226Kb / 11P
Quad 2-input NAND gate; open-drain output
Rev. 6 - 10 August 2021
74HC03-Q100 NEXPERIA-74HC03-Q100 Datasheet
708Kb / 14P
Quad 2-input NAND gate
logo
NXP Semiconductors
74HC03D PHILIPS-74HC03D Datasheet
55Kb / 8P
Quad 2-input NAND gate
December 1990
More results

Similar Description - 74HC03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com