Electronic Components Datasheet Search
  English  ▼

X  

PPACRI Datasheet(PDF) 1 Page - Belden Inc.

Part # PPACRI
Description  PPRO Bus Cable Crimping Tool
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

PPACRI Datasheet(HTML) 1 Page - Belden Inc.

  PPACRI Datasheet HTML 1Page - Belden Inc. PPACRI Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: PPACRI
PPRO Bus Cable Crimping Tool
Product Description
PPRO Bus Cable Crimping Tool
Technical Specifications
Product Overview
Suitable Applications:
Horizontal and building cabling for Intelligent (RFID based) Patching. Support current and future Category 6a and 6 applications, such as: 10GBase-T (10 Gigabit Ethernet),
1000Base-T (Gigabit Ethernet), 100 Base-T, 10 Base-T, FDDI, ATM
Physical Characteristics (Overall)
Packaging:
Individually packaged in a box.
Connectors
Materials
Description
Material
Color
Bus cable crimping tool For 6 pins and 1.27 mm pitch Black
Electrical Characteristics
Current Rating:
1.500 A
Temperature Range
Storage Temperature Range: -20°C To +85°C
Operating Temperature
Range:
0°C To +40°C
Standards
TIA/EIA Compliance:
ISO/IEC 11801-1:2017; TIA 568-C.3
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2011/65/EU
(RoHS 2):
Yes
MII Order #39 (China RoHS): EUP 50
Related Part Numbers
Related Parts:
PatchPro Connectivity, Bus cable and connetors
Variants
Item #
Color
PPACRI Black
History
Update and Revision:
Revision Number: 0.46 Revision Date: 11-21-2024


Similar Part No. - PPACRI

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
PPACAB BELDEN-PPACAB Datasheet
177Kb / 2P
PPRO Bus Cable
02-27-2024
PPACON BELDEN-PPACON Datasheet
161Kb / 2P
PPRO Bus Cable Connector Type 1
11-21-2024
PPACOS BELDEN-PPACOS Datasheet
175Kb / 2P
PPRO Bus Cable Connector Type 2
11-21-2024
More results

Similar Description - PPACRI

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5006 PASTERNACK-PE5006 Datasheet
229Kb / 1P
COAXIAL CRIMPING TOOL
logo
List of Unclassifed Man...
WC260PFLAP ETC1-WC260PFLAP Datasheet
227Kb / 2P
Hand crimping tool
HT-225D ETC2-HT-225D Datasheet
23Kb / 1P
Ratchet Crimping Tool
WC-160 ETC2-WC-160 Datasheet
23Kb / 1P
Hand crimping tool
WC-110 ETC2-WC-110 Datasheet
240Kb / 2P
Hand crimping tool
logo
Rosenberger Hochfrequen...
11W161-800 ROSENBERGER-11W161-800 Datasheet
681Kb / 3P
Crimping Tool
logo
Weidmuller
9028740000 WEIDMULLER-9028740000 Datasheet
62Kb / 2P
Assortment crimping tool, Crimping tool: PZ 6/5
September 28, 2021
9028770000 WEIDMULLER-9028770000 Datasheet
60Kb / 2P
Assortment crimping tool, Crimping tool: STRIPAX-Plus
September 28, 2021
9028780000 WEIDMULLER-9028780000 Datasheet
60Kb / 2P
Assortment crimping tool, Crimping tool: STRIPAX-Plus
September 28, 2021
9028790000 WEIDMULLER-9028790000 Datasheet
60Kb / 2P
Assortment crimping tool, Crimping tool: STRIPAX Plus
September 28, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com