Electronic Components Datasheet Search
  English  ▼

X  

74HC112 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74HC112
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC112 Datasheet(HTML) 1 Page - Silicon Supplies

  74HC112 Datasheet HTML 1Page - Silicon Supplies 74HC112 Datasheet HTML 2Page - Silicon Supplies 74HC112 Datasheet HTML 3Page - Silicon Supplies 74HC112 Datasheet HTML 4Page - Silicon Supplies 74HC112 Datasheet HTML 5Page - Silicon Supplies 74HC112 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R  
 
 
High Speed CMOS Logic – 74HC112
Dual J-K Flip-Flops with preset and clear; negative edge trigger in bare die form
Rev 1.0
24/11/17
Output Drive Capability: 10 LSTTL Loads
Bus Drive Capability: 15 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1500 x 1700
59 x 67
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
CMOS High Noise Immunity
Function compatible with 74LS112.
Features:
Ordering Information
The following part suffixes apply:
The 74HC112 is fabricated using a 2.5µm 5V CMOS
process and has the same high speed performance of
LSTTL combined with CMOS low power consumption.
Each flip-flop has independent J, K, preset, clear, clock
inputs and Q Q outputs. A high level at the clock input
enables the J and K inputs to accept data. The device
changes state on the negative going transition of the clock
pulse. Preset and clear are independent of the clock and
are accomplished by a low logic level on the corresponding
input. Schmitt-trigger action in the clock input makes the
circuit highly tolerant to slower clock rise and fall times. 
Description
Die Dimensions in µm (mils)
1500 (59)
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability version of this product please see
54HC112
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - 74HC112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Silicon Supplies
74HC112 SS-74HC112 Datasheet
683Kb / 6P
High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC112 NEXPERIA-74HC112 Datasheet
267Kb / 16P
Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112D PHILIPS-74HC112D Datasheet
106Kb / 15P
Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Nexperia B.V. All right...
74HC112D NEXPERIA-74HC112D Datasheet
267Kb / 16P
Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
More results

Similar Description - 74HC112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com