Electronic Components Datasheet Search
  English  ▼

X  

74HC123 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 74HC123
Description  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC123 Datasheet(HTML) 5 Page - Silicon Supplies

  74HC123 Datasheet HTML 1Page - Silicon Supplies 74HC123 Datasheet HTML 2Page - Silicon Supplies 74HC123 Datasheet HTML 3Page - Silicon Supplies 74HC123 Datasheet HTML 4Page - Silicon Supplies 74HC123 Datasheet HTML 5Page - Silicon Supplies 74HC123 Datasheet HTML 6Page - Silicon Supplies 74HC123 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5 of 7 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 74HC123
Rev 1.0
06/10/19
AC Electrical Characteristics Continued5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
Inputs A, B, R
10
10
10
Maximum Input
Capacitance
CIN
-
CX, RX
25
25
25
pF
TYPICAL
Power Dissipation
Capacitance Per
Multivibrator
6
CPD
-
TA = 25°C,
VCC = 5.0V
150
pF
6. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
Timing Requirements5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
2.0V
50
65
65
4.5V
10
13
13
Minimum Recovery
Time, Reset Inactive to
A or B
(Figure 3)
trec
6.0V
tr = tf = 6ns
9
11
11
ns
2.0V
100
125
125
4.5V
20
25
25
Minimum Pulse Width,
Input A or B
(Figure 2)
tw
6.0V
tr = tf = 6ns
17
20
20
ns
2.0V
100
125
125
4.5V
20
25
25
Minimum Pulse Width,
R
(Figure 3)
tw
6.0V
tr = tf = 6ns
17
20
20
ns
2.0V
1000
1000
1000
4.5V
500
500
500
Maximum Input Rise
and Fall Times, R
(Figure 3)
tr, tf
6.0V
tr = tf = 6ns
400
400
400
ns
2.0V
4.5V
Maximum Input Rise
and Fall Times, A or B
(Figure 3)
tr, tf
6.0V
tr = tf = 6ns
No Limit
ns
When CX > 10nF and RX > 10K
the typical output pulse width value is defined by the formula:
Timing Requirements - Pulse width formula
Where:
tw = pulse width in ns
RX = external resistor in kΩ
CX = external capacitor in pF
VCC = 5V, tW = 0.45 x RX x CX
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com