Electronic Components Datasheet Search
  English  ▼

X  

74HC175 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 74HC175
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC175 Datasheet(HTML) 5 Page - Silicon Supplies

  74HC175 Datasheet HTML 1Page - Silicon Supplies 74HC175 Datasheet HTML 2Page - Silicon Supplies 74HC175 Datasheet HTML 3Page - Silicon Supplies 74HC175 Datasheet HTML 4Page - Silicon Supplies 74HC175 Datasheet HTML 5Page - Silicon Supplies 74HC175 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
www.siliconsupplies.com
5. ot production tested in die form, characterized by chip design and tested in package.
N
High Speed CMOS Logic – 74HC175
Rev 1.0
21/11/17
Timing Requirements5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0
100
125
125
4.5
20
25
25
Minimum Setup
Time, Data to Clock
(Figure 3)
tsu
6.0
CL = 50pF,
tr = tf = 6ns
17
21
21
ns
2.0
3.0
3.0
3.0
4.5
3.0
3.0
3.0
Minimum Hold Time,
Clock to Data
(Figure 3)
th
6.0
CL = 50pF,
tr = tf = 6ns
3.0
3.0
3.0
ns
2.0
100
125
125
4.5
20
25
25
Minimum Recovery
Time, Reset Inactive
to Clock (Figure 2)
trec
6.0
CL = 50pF,
tr = tf = 6ns
17
21
21
ns
2.0
80
100
100
4.5
16
20
20
Minimum Pulse
Width, Clock
(Figure 1)
tw
6.0
CL = 50pF,
tr = tf = 6ns
14
17
17
ns
2.0
80
100
100
4.5
16
20
20
Minimum Pulse
Width, Reset
(Figure 2)
tw
6.0
CL = 50pF,
tr = tf = 6ns
14
17
17
ns
2.0
1000
1000
1000
4.5
500
500
500
Maximum Input Rise
and Fall Times
(Figure 1)
tr, tf
6.0
CL = 50pF,
tr = tf = 6ns
400
400
400
ns
Switching Waveforms
Figure 1 – Data, Clock and Output
Figure 2 –Reset, Clock and Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com