Electronic Components Datasheet Search
  English  ▼

X  

CT220802 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CT220802
Description  Split SCR/Diode POW-R-BLOK??Modules 20 Amperes/800 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CT220802 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CT220802 Datasheet HTML 1Page - Powerex Power Semiconductors CT220802 Datasheet HTML 2Page - Powerex Power Semiconductors CT220802 Datasheet HTML 3Page - Powerex Power Semiconductors CT220802 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD-34
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CT220802
Split SCR/Diode POW-R-BLOK™ Modules
20 Amperes/800 Volts
Absolute Maximum Ratings
Characteristics
Symbol
CT220802
Units
Peak Forward Blocking Voltage
VDRM
800
Volts
Transient Peak Forward Blocking Voltage (Non-Repetitive), t < 5ms
VDSM
960
Volts
DC Forward Blocking Voltage
VD(DC)
640
Volts
Peak Reverse Blocking Voltage
VRRM
800
Volts
Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms
VRSM
960
Volts
DC Reverse Blocking Voltage
VR(DC)
640
Volts
RMS On-State Current
IT(RSM), IF(RSM)
30
Amperes
Average On-State Current, TC = 87°C
IT(AV), IF(AV)
20
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz)
ITSM, IFSM
400
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz)
ITSM, IFSM
365
Amperes
I2t (for Fusing), 8.3 milliseconds
I2t
667
A2sec
Critical Rate-of-Rise of On-State Current*
di/dt
100
Amperes/ s
Peak Gate Power Dissipation
PGM
5.0
Watts
Average Gate Power Dissipation
PG(AV)
0.5
Watts
Peak Forward Gate Voltage
VGFM
10
Volts
Peak Reverse Gate Voltage
VGRM
5.0
Volts
Peak Forward Gate Current
IGFM
2.0
Amperes
Storage Temperature
TSTG
-40 to 125
°C
Operating Temperature
Tj
-40 to 125
°C
Maximum Mounting Torque M5 Mounting Screw
—
17
in.-lb.
Maximum Mounting Torque M4 Terminal Screw
—
12
in.-lb.
Module Weight (Typical)
—
80
Grams
V Isolation
VRMS
2000
Volts
*Tj = 125°C, IG = 0.5A, VD = 1/2 VDRM
Electrical and Thermal Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
CT220802
Units
Blocking State Maximums
Forward Leakage Current, Peak
IDRM
Tj = 125°C, VDRM = Rated
4.0
mA
Reverse Leakage Current, Peak
IRRM
Tj = 125°C, VRRM = Rated
4.0
mA
Conducting State Maximums
Peak On-State Voltage
VFM,VTM
IFM = 60A, ITM = 60A
1.8
Volts
Switching Minimums
Critical Rate-of-Rise of Off-State Voltage
dv/dt
Tj = 125°C, VD = 2/3 VDRM
500
Volts/ s
Thermal Maximums
Thermal Resistance, Junction-to-Case
R (J-C)
Per Module
1.0
°C/Watt
Thermal Resistance, Case-to-Sink (Lubricated)
R (C-S)
Per Module
0.25
°C/Watt
Gate Parameters Maximums
Gate Current-to-Trigger
IGT
VD = 6V, RL = 2Ω
50
mA
Gate Voltage-to-Trigger
VGT
VD = 6V, RL = 2Ω
3.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj = 125°C, VD = 1/2 VDRM
0.25
Volts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com