Electronic Components Datasheet Search
  English  ▼

X  

74HC86 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 74HC86
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC86 Datasheet(HTML) 4 Page - Silicon Supplies

  74HC86 Datasheet HTML 1Page - Silicon Supplies 74HC86 Datasheet HTML 2Page - Silicon Supplies 74HC86 Datasheet HTML 3Page - Silicon Supplies 74HC86 Datasheet HTML 4Page - Silicon Supplies 74HC86 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
High Speed CMOS Logic – 74HC86
 
 
DC Electrical Characteristics Continued (Voltages referenced to GND)
Rev 1.0
21/11/17
LIMITS
 
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
1.9
1.9
 
1.9
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
AC Electrical Characteristics5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
100
125
125
3.0V
80
90
90
4.5V
20
25
25
Maximum Propagation
Delay, Input A or B to
Output Y
(Figure 1,2)
tPLH, tPHL
6.0V
CL = 50pF,
tr = tf = 6ns
17
21
21
ns
2.0V
75
95
95
3.0V
30
40
40
4.5V
15
19
19
Maximum Output Rise
and Fall Time,
Any Output
(Figure 1,2)
tTLH, tTHL
6.0V
CL = 50pF,
tr = tf = 6ns
13
16
16
ns
4.5V
4.4
4.4
4.4
VIN = VIH or VIL
V
│IOUT│≤ 20µA
6.0V
5.9
5.9
5.9
3.0V
VIN = VIH
│IOUT│≤ 2.4mA
2.48
2.34
2.34
4.5V
VIN = VIH or VIL
│IOUT│≤ 4.0mA
3.98
3.84
3.84
Minimum High-Level
Output Voltage
VOH
V
6.0V
VIN = VIH or VIL
│IOUT│≤ 5.2mA
5.48
5.34
5.34
2.0V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
6.0V
VIN = VIL or VIL
V
│IOUT│≤ 20µA
0.1
0.1
0.1
VIN = VIL or VIL
3.0V
│IOUT│≤ 2.4mA
0.26
0.33
0.33
4.5V
VIN = VIL or VIL
│IOUT│≤ 4.0mA
0.26
0.33
0.33
Maximum Low-Level
Output Voltage
VOL
V
VIN = VIL or VIL
6.0V
│IOUT│≤ 5.2mA
0.26
0.33
0.33
Maximum Input
Leakage Current
IIN
6.0V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum Quiescent
VIN = VCC or GND
Supply Leakage
Current
ICC
6.0V
IOUT = 0µA
1
10
10
µA
5. Not production tested in die form, characterized by chip design and tested in package.
Page 4 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com