Electronic Components Datasheet Search
  English  ▼

X  

A1185 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A1185
Description  High Sensitivity Hall Effect Latch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A1185 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A1185 Datasheet HTML 1Page - Master Analog Technology CO. A1185 Datasheet HTML 2Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A1185
Specification
High Sensitivity Hall Effect Latch
050423
www.masteranalog.com
Page 1 of 2
RD-30034
Rev 1.01
A1185 is a hall latch which has features as low current consumption, high sensitivity and wide operating voltage
range.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
28
V
Output Voltage, (VOUT)
28
V
Output Current, (ISINK)
50
mA
Operating Temperature
Range, (TA)
-40 ~+125
℃
Storage Temperature
Range, (TS)
-65 ~ +150
℃
Package Power
Dissipation, (PD)
230
mW
Functional Block Diagram
Voltage
Regulator
Amp
VDD
Out
VSS
Hall
Sensor
Hall
Sensor
Clock
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=12V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
2.5
26.0
V
Supply Current, (IDD)
B<BOP
5.0
mA
Output Saturation Voltage, (VDSON)
IOUT =20mA, B>BOP
400.0
mV
Output Leakage Current, (IOFF)
IOFF B<BRP, VOUT = 12V
10.0
uA
Output Switch Frequency, (FSW)
3
kHz
Output Rise Time, (TR)
RL=1KΩ, CL=20pF
0.45
uS
Output Fall Time, (TF)
RL=1KΩ; CL=20pF
0.45
uS
Electro-Static Discharge
HBM
4
KV
Operate Point, (BOP)
S3
5
55
Gauss
Release Point, (BRP)
S3
-55
-5
Gauss
Hysteresis, (BHYS)
|BOP - BRP|
60
Gauss
DMOS Hall
Effect Latch
Supply Voltage
2.5 ~ 26V
BOP:30 Gauss
BRP:-30 Gauss
Output
Open Drain
Package
SOT-23(S3)


Similar Part No. - A1185

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
370Kb / 14P
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185ELHLT ALLEGRO-A1185ELHLT Datasheet
318Kb / 14P
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185ELHLT-T ALLEGRO-A1185ELHLT-T Datasheet
318Kb / 14P
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185ELHLT-T ALLEGRO-A1185ELHLT-T Datasheet
370Kb / 14P
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1185

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921 Datasheet
629Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Taiwan Semiconductor Co...
TSH188 TSC-TSH188 Datasheet
420Kb / 8P
Ultra High Sensitivity Hall Effect Latch
logo
Nanjing Ouzhuo Technolo...
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
OH921 OHHALLSENSOR-OH921 Datasheet
206Kb / 5P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH921 DIODES-AH921 Datasheet
427Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
Rev olution
AH920 DIODES-AH920 Datasheet
325Kb / 13P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
Rev olution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com