Electronic Components Datasheet Search
  English  ▼

X  

SL13 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SL13
Description  LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SL13 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SL13 Datasheet HTML 1Page - Pan Jit International Inc. SL13 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-JAN.06.2005
DATA SHEET
SL12~SL14
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load.
NOTES:
A.Pulse Test with PW =300µ sec, 1% Duty Cycle.
B.Mounted on P.C. Board with 5.0mm2 (.013mm thick) copper pad areas.
SMA/DO-214AC
Unit: inch (mm)
.181(4.60)
.208(5.28)
.060(1.52)
.008(.203)
.012(.305)
.157(4.00)
.188(4.80)
.030(0.76)
.002(.051)
.006(.152)
VOLTAGE
20~40 Volts
CURRENT
1.0 Amperes
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• High current capacity ,low V
F
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications.
• High temperature soldering guatanteed : 260 OC / 10 seconds at teminals
.
Pb free product are available : 99% Sn above can meet Rohs environment
substance directive request
F
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic
Terminals:Solder plated, solderable per MIL-STD-202G,
Method 208
Polarity: Color band denotes positive end (cathode)
Standard packaging: 12mm tape (EIA-481)
Weight: 64mg
F
PARAMETER
SYMBOL
SL12
SL13
SL14
UNITS
Maximum Recurrent Peak Reverse Voltage
V RRM
20
30
40
V
Maximum RMS Voltage
V RMS
14
21
28
V
Maximum DC Blocking Voltage
V DC
20
30
40
V
Maximum Average Forward Current at TL ( See Figure 1 )
IAV
1.0
A
Peak Forw ard Surge Current :8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
30
A
Maximum Instantaneous Forward Voltage at 1.0A (Note 1)
V F
0.38
0.38
0.40
V
Maximum DC Reverse Current TA=25℃
at Rated DC Blocking Voltage TA=100℃
IR
0.5
50
mA
Typical Thermal Resistance (Note 2)
R ΘJL
R ΘJA
28
88
℃/ W
Operating Junction and Storage Temperature Range
T J,T STG
- 50 to + 125
℃


Similar Part No. - SL13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL13 PANJIT-SL13 Datasheet
50Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SL13 TRSYS-SL13 Datasheet
156Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL13 GE-SL13 Datasheet
74Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SL13 BILIN-SL13 Datasheet
53Kb / 2P
SMD SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SL13 GOOD-ARK-SL13 Datasheet
187Kb / 2P
Surface Mount Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 1.0 Ampere
More results

Similar Description - SL13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SL42 TAYCHIPST-SL42 Datasheet
15Mb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SL12 YEASHIN-SL12 Datasheet
363Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SL12 KOOCHIN-SL12 Datasheet
220Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS10100HE-AU PANJIT-SS10100HE-AU Datasheet
150Kb / 5P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
November 3,2017-REV.06
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com