Electronic Components Datasheet Search
  English  ▼

X  

A1190 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A1190
Description  High Voltage, Bipolar Process, Hall Effect Latch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A1190 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A1190 Datasheet HTML 1Page - Master Analog Technology CO. A1190 Datasheet HTML 2Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A1190
Specification
High Voltage, Bipolar Process, Hall Effect Latch
030923
www.masteranalog.com
Page 1 of 2
RD-30002
Rev 2.11
A1190 is applied for high voltage and high temperature application in the electric vehicle market.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VCC)
65
V
Output Voltage, (VOUT)
65
V
Output Current, (IOUT)
25
mA
Operating Temperature
Range, (TA)
-40 ~ +125
℃
Storage Temperature
Range, (TS)
-65 ~ +150
℃
Package Power
Dissipation, (PD)
606
mW
Functional Block Diagram
Voltage
Regulator
Amp
VCC
GND
Hall
Sensor
Out
Electrical Specifications
DC Operating Parameters: TA=+25℃, VCC=12V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VCC)
Operating
4.5
30.0
V
Supply Current, (ICC)
B<BOP
3.0
8.0
mA
Output Saturation Voltage, (VSAT)
IOUT = 5mA, B>BOP
500.0
mV
Output Leakage Current, (IOFF)
IOFF B<BRP, VOUT = 24V
10.0
uA
Output Rise Time, (TR)
RL=1KΩ, CL =20pF
1.5
uS
Output Fall Time, (TF)
RL=1KΩ; CL =20pF
1.5
uS
Electro-Static Discharge
HBM
4
KV
Operate Point, (BOP)
I3
10
110
Gauss
Release Point, (BRP)
I3
-110
-10
Gauss
Hysteresis, (BHYS)
|BOP - BRP|
100
Gauss
Bipolar Hall
Effect Latch
Supply Voltage
4.5 ~ 30V
BOP: 50 Gauss
BRP:-50 Gauss
Output
Open Collector
Package
SIP-3(I3)


Similar Part No. - A1190

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
420Kb / 18P
Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
389Kb / 18P
Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LLHLT-T2 ALLEGRO-A1190LLHLT-T2 Datasheet
389Kb / 18P
Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LLHLT-T2 ALLEGRO-A1190LLHLT-T2 Datasheet
815Kb / 22P
Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1190

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4946H INFINEON-TLE4946H_05 Datasheet
904Kb / 20P
High Precision Bipolar Hall-Effect Latch
V 1.1, October 2005
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
logo
Taiwan Semiconductor Co...
TSH190 TSC-TSH190 Datasheet
388Kb / 8P
Bipolar High Voltage Hall Effect Latch
logo
Seiko Instruments Inc
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com