Electronic Components Datasheet Search
  English  ▼

X  

A2176 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A2176
Description  Low Operating Voltage Ultra High Sensitivity Hall Effect Latch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A2176 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A2176 Datasheet HTML 1Page - Master Analog Technology CO. A2176 Datasheet HTML 2Page - Master Analog Technology CO. A2176 Datasheet HTML 3Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A2176
Specification
Low Operating Voltage Ultra High Sensitivity Hall Effect Latch
053124
www.masteranalog.com
Page 1 of 3
RD-30083
Rev 1.00
A2176 is a hall latch which has features as low operating voltage, ultra high sensitivity and an economical and
general purpose.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
7.0
V
Output Voltage, (VOUT)
7.0
V
Output Current, (ISINK)
5
mA
Operating Temperature
Range, (TA)
-40 ~+125
℃
Storage Temperature
Range, (TS)
-65 ~ +150
℃
Package Power
Dissipation, (PD)
606 / 230 / 416
mW
Functional Block Diagram
Voltage
Regulator
Amp
VDD
GND
Hall
Sensor
Out
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=5V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
1.8
6.0
V
Supply Current, (IDD)
B<BOP
5.0
7.0
mA
Output High Voltage, (VOH)
IOUT=1.0mA (Source)
VDD-0.2
V
Output Low Voltage, (VOL)
IOUT=1.0mA (Sink)
0.2
V
Output Switch Frequency, (FSW)
3
kHz
Output Rise Time, (TR)
CL =20pF
2.00
us
Output Fall Time, (TF)
CL =20pF
0.15
us
Electro-Static Discharge
HBM
4
kV
Operate Point, (BOP)
I3/D4(S3)
5(-25)
25(-5)
Gauss
Release Point, (BRP)
I3/D4(S3)
-25(5)
-5(25)
Gauss
Hysteresis, (BHYS)
|BOP - BRP|
30
Gauss
CMOS Hall
Effect Latch
Supply Voltage
1.8 ~ 6.0V
BOP:15 Gauss
BRP:-15 Gauss
Output
Totem Pole
Package
SIP-3(I3)
SOT-23(S3)
DFN1010-4(D4)


Similar Part No. - A2176

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A217 ETC1-A217 Datasheet
461Kb / 2P
Casting Material: Alloy Steel A217 GR WC6
logo
STMicroelectronics
A2170 STMICROELECTRONICS-A2170 Datasheet
182Kb / 7P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
Dec-1992
logo
List of Unclassifed Man...
A2173-HBL ETC2-A2173-HBL Datasheet
80Kb / 8P
SPECIFICATION FOR APPROVAL
A2173-HBT ETC2-A2173-HBT Datasheet
80Kb / 8P
SPECIFICATION FOR APPROVAL
A2173-HSL ETC2-A2173-HSL Datasheet
80Kb / 8P
SPECIFICATION FOR APPROVAL
More results

Similar Description - A2176

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH188 TSC-TSH188 Datasheet
420Kb / 8P
Ultra High Sensitivity Hall Effect Latch
logo
Diodes Incorporated
AH3776 DIODES-AH3776 Datasheet
492Kb / 13P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
Rev erse
AH3768Q DIODES-AH3768Q Datasheet
529Kb / 13P
HIGH-VOLTAGE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
AH3769Q DIODES-AH3769Q Datasheet
526Kb / 13P
HIGH-VOLTAGE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
AH3772 DIODES-AH3772 Datasheet
498Kb / 13P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
Rev erse
AH3382 DIODES-AH3382_18 Datasheet
752Kb / 14P
HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH
Rev erse
AH3772 DIODES-AH3772_18 Datasheet
481Kb / 14P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
Rev erse-
AH1711 DIODES-AH1711 Datasheet
650Kb / 12P
LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
AH1897S DIODES-AH1897S Datasheet
476Kb / 12P
LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
AH3712 DIODES-AH3712 Datasheet
1Mb / 16P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com