Electronic Components Datasheet Search
  English  ▼

X  

A2235 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A2235
Description  Ultra-Low power Totem Pole Output Hall Effect Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A2235 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A2235 Datasheet HTML 1Page - Master Analog Technology CO. A2235 Datasheet HTML 2Page - Master Analog Technology CO. A2235 Datasheet HTML 3Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A2235
Specification
Ultra-Low power Totem Pole Output Hall Effect Switch
051123
www.masteranalog.com
Page 1 of 3
RD-30077
Rev1.01
A2235 is a micro-package and ultra-power omni-polar Hall switch, high sensitivity and Totem pole output.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
6.0
V
Output Voltage, (VOUT)
6.0
V
Output Current, (ISINK)
5
mA
Operating Temperature
Range, (TA)
-40 ~ +85
℃
Storage Temperature
Range, (TS)
-65 ~ +150
℃
Package Power
Dissipation, (PD)
606 / 230
/ 416 / 780
mW
Functional Block Diagram
Awake/Sleep
Timing Control
Amp
Control
Logic
Offset
Cancellation
VDD
Out2
Hall
Sensor
Out1
VDD
VDD
Vss
SPD
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=3.0V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
2.7
5.5
V
Supply Current, (IDD)
Awake State
1.2
mA
Sleep State
1.3
uA
Average (SPD=Hi)
1.6(135)
uA
Output High Voltage, (VOH)
IOUT=1.0mA (Source)
VDD-0.2
V
Output Low Voltage, (VOL)
IOUT=1.0mA (Sink)
0.2
V
Awake mode time, (TAW)
Operating
20
uS
Sleep mode time, (TSL)
Operating (SPD=Hi)
80(0.16)
mS
Duty Cycle
, (D,C)
(SPD=Hi)
0.025(12.5)
%
Output Switch Frequency
, (FSW)
(SPD=Hi)
15(6.5k)
Hz
Electro-Static Discharge
HBM
4
KV
Operate Point, BOPS(BOPN)
B>BOPS(B<BOPN),
20(-55)
55(-20)
Gauss
Release Point, BRPS(BRPN)
B<BRPS(B>BRPN),
10(-45)
45(-10)
Gauss
Hysteresis, (BHYS)
|BOPX - BRPX|
10
Gauss
CMOS Hall
Effect Switch
Supply Voltage
2.7 ~ 5.5V
Output
Totem Pole
Package
SIP-3(I3)
SOT-23(S3)
DFN1010-4(D4)
DFN2020-6(D6)
BOPS:30 Gauss
BRPS:20 Gauss
BOPN:-30 Gauss
BRPN:-20 Gauss


Similar Part No. - A2235

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
A223 SANYO-A223 Datasheet
138Kb / 6P
RDS Decoder
logo
KEC(Korea Electronics)
A223 KEC-A223 Datasheet
573Kb / 5P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
logo
Infineon Technologies A...
A223 INFINEON-A223 Datasheet
95Kb / 8P
OptiMOS-P Small-Signal-Transistor
2002-08-26
logo
AiT Semiconductor Inc.
A2230 AITSEMI-A2230 Datasheet
822Kb / 9P
AUDIO AMPLIFIER 1.7W CLASS-AB
REV2.1
A2230M8R AITSEMI-A2230M8R Datasheet
822Kb / 9P
AUDIO AMPLIFIER 1.7W CLASS-AB
REV2.1
More results

Similar Description - A2235

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Unisonic Technologies
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
LOW POWER HALL EFFECT SWITCH
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
logo
Texas Instruments
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032_017 TI1-DRV5032_017 Datasheet
1Mb / 34P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1911 DIODES-AH1911 Datasheet
588Kb / 9P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
AH1912 DIODES-AH1912 Datasheet
685Kb / 10P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com