Electronic Components Datasheet Search
  English  ▼

X  

K3NC-PB2C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # K3NC-PB2C
Description  Up/Down Counting Meter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3NC-PB2C Datasheet(HTML) 2 Page - Omron Electronics LLC

  K3NC-PB2C Datasheet HTML 1Page - Omron Electronics LLC K3NC-PB2C Datasheet HTML 2Page - Omron Electronics LLC K3NC-PB2C Datasheet HTML 3Page - Omron Electronics LLC K3NC-PB2C Datasheet HTML 4Page - Omron Electronics LLC K3NC-PB2C Datasheet HTML 5Page - Omron Electronics LLC K3NC-PB2C Datasheet HTML 6Page - Omron Electronics LLC K3NC-PB2C Datasheet HTML 7Page - Omron Electronics LLC K3NC-PB2C Datasheet HTML 8Page - Omron Electronics LLC K3NC-PB2C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
C-132
Up/Down Counting Meter
K3NC
Ordering Information
I Base Unit
I Available Output Board Combinations
Note: For details, refer to the Communication Operation Manual.
Input type
NPN/Voltage pulse
PNP
Supply voltage
100 to 240 VAC
12 to 24 VDC
100 to 240 VAC
12 to 24 VDC
K3NC-NB1A
K3NC-NB2A
K3NC-PB1A
K3NC-PB2A
K3NC-NB1C
K3NC-NB2C
K3NC-PB1C
K3NC-PB2C
Output type
Output configuration
Output boards
Base units
Basic
Set Value
LED Display
Relay contact
5 outputs: OUT1, 2, 4, 5 (SPST-NO), and OUT3 (SPDT)
K31-C2
Yes
Yes
5 outputs: OUT1, 2, 4, 5 (SPST-NC), and OUT3 (SPDT)
K31-C5
Yes
Yes
Transistor
5 outputs (NPN open collector)
K31-T1
Yes
Yes
5 outputs (PNP open collector)
K31-T2
Yes
Yes
BCD (see note)
5-digit output (NPN open collector)
K31-B2
Yes
---
Linear
4 to 20 mA DC
K31-L1
Yes
---
1 to 5 VDC
K31-L2
Yes
---
1 mV/10 digits
K31-L3
Yes
---
0 to 5 VDC
K31-L7
Yes
---
0 to 10 VDC
K31-L8
Yes
---
Communication boards
(see note)
RS-232C
K31-FLK1
Yes
---
RS-485
K31-FLK2
Yes
---
RS-422
K31-FLK3
Yes
---
Combination output and
communication boards
BCD output + 5 transistor outputs (NPN open collector)
K31-B4
Yes
Yes
4 to 20 mA + 5 transistor outputs (NPN open collector)
K31-L4
Yes
Yes
1 to 5 V + 5 transistor outputs (NPN open collector)
K31-L5
Yes
Yes
1 mV/10 digits + 5 transistor outputs (NPN open collector)
K31-L6
Yes
Yes
0 to 5 VDC + 5 transistor outputs (NPN open collector)
K31-L9
Yes
Yes
0 to 10 VDC + 5 transistor outputs (NPN open collector)
K31-L10
Yes
Yes
RS-232C + 5 transistor outputs (NPN open collector)
K31-FLK4
Yes
Yes
RS-485 + 5 transistor outputs (NPN open collector)
K31-FLK5
Yes
Yes
RS-422 + 5 transistor outputs (NPN open collector)
K31-FLK6
Yes
Yes
Basic Models
These models provide a present
value LED and front-panel control
keys. Can be connected to any
Output Board, or can be used for
display only without an Output
Board.
Set Value LED Models
These models provide a
present value LED, set value
LED, and front-panel control
keys. Can be connected to
Relay, Transistor, or
Combination Output Boards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com