Electronic Components Datasheet Search
  English  ▼

X  

SS1040 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SS1040
Description  SURFACE MOUNT SCHOTTKY BARRIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1040 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SS1040 Datasheet HTML 1Page - Pan Jit International Inc. SS1040 Datasheet HTML 2Page - Pan Jit International Inc. SS1040 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-JUN.24.2004
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL FORWARD CHARACTERISTIC
Fig.2- TYPICAL JUNCTION CHARACTERISTIC
Fig.3- TYPICAL REVERSE CHARACTERISTIC
LEAD TEMPERAURE, C
O
FORWARD VOLTAGE, mV
1.0
.50
0
SINGLEPHASEHALFWAVE60Hz
RESISTIVEORINDUCTIVELOAD
P.C.B MOUNTED
ON 0.2 X
X
0.2"( 5.0 5.0mm)
COPPERPADAREAS
.25
.75
0
75
100
125
150
175
25
50
REVERSE VOLTAGE, VR(V)
0
0.1
1.0
10
10
2
10
3
10
4
20
40
60
25 C
O
75 C
O
125 C
O
1.0
0
200
400
600
800
1000
10
10
2
10
3
10
4
25 C
O
75 C
O
125 C
O
010
10
100
1000
20
30
40
V , REVERSE VOLTAGE (VOLTS)
R
TJ=25 C
O
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV(BR)
IR
0
0
5
=uA
0
4-
--
-V
t
n
e
r
r
u
C
e
s
r
e
v
e
RI R
VR
0
4
=V
-
--
-0
0
5A
u
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
0
.
1
=-
--
-5
5
.
0V
e
c
n
a
t
i
c
a
p
a
C
e
d
o
i
DCT
VR
,
V
0
=f
H
M
0
.
1
=
Z
-
--
-0
3
2F
p
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com