Electronic Components Datasheet Search
  English  ▼

X  

SS1040FL Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SS1040FL
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1040FL Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SS1040FL Datasheet HTML 1Page - Pan Jit International Inc. SS1040FL Datasheet HTML 2Page - Pan Jit International Inc. SS1040FL Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-NOV.29.2005
SS1020FL~SS10100FL
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Low power loss, high efficiency
• Pb free product : 99% Sn above can meet RoHS
environment substance directive request
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
20 to 100 Volts
1.0 Amperes
CURRENT
MECHANICAL DATA
• Case: JEDEC DO-219AB,Molded plastic over passivated junction.
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0168 gram, Standard Packaging : 8mm tape(EIA-481)
• Marking codes : SS1020FL : G2
SS1030FL : G3
SS1040FL : G4
SS1060FL : G6
SS10100FL : G10
ELECTRICAL AND THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SL
F
0
2
0
1
S
SL
F
0
3
0
1
S
SL
F
0
4
0
1
S
SL
F
0
6
0
1
S
SL
F
0
0
1
0
1
S
SS
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
RV
R
0
20
30
40
60
0
1V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
PV
M
R
R
0
20
30
40
60
0
1V
T
t
a
t
n
e
r
r
u
c
d
e
if
it
c
e
R
e
g
a
r
e
v
A
L
5
7
=
O CI
)
V
A
(
F
0
.
1A
s
m
3
.
8
=
t
t
a
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
it
it
e
p
e
r
-
n
o
NI
M
S
F
0
4A
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
5
2
1
OC
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
0
5
-
OC
Note.1 Mounted with minimum recommended pad size, PC Board FR4.
2.T
J=25
OC unless otherwise specified.
3.Measured at 1 MHz and applied reverse voltage of 4.0V D.C.
ABSOLUTE RATINGS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
SL
F
0
2
0
1
S
SL
F
0
3
0
1
S
SL
F
0
4
0
1
S
SL
F
0
6
0
1
S
SL
F
0
0
1
0
1
S
SS
T
I
N
U
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
ϑ A
J
0
8
1
O
W
/
C
I
t
a
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
m
u
m
i
n
i
M
R
0
0
5
=
µAV
R
0
20
30
40
60
0
1V
e
g
a
tl
o
V
d
r
a
w
r
o
F
l
m
u
m
i
x
a
M
I
t
a
F
A
0
.
1
=
I
t
a
F
A
0
.
3
=
V
F
5
4
.
0
5
7
.
0
5
5
.
0
-
5
5
.
0
-
0
7
.
0
-
5
8
.
0
-
V
V
t
a
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
M
R
R
I
R
0
0
5
µA
g
n
it
a
R
e
c
n
a
t
i
c
a
p
a
C
n
o
it
c
n
u
J
l
a
c
i
p
y
T
C
J
0
60
60
60
50
4F
p


Similar Part No. - SS1040FL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SS1040FL WTE-SS1040FL Datasheet
52Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SS1040FL PANJIT-SS1040FL Datasheet
134Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
SS1040FL PANJIT-SS1040FL Datasheet
97Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS1040FL TAYCHIPST-SS1040FL Datasheet
2Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SS1040FL LUGUANG-SS1040FL Datasheet
220Kb / 2P
Surface Mount Schottky Barrier Diodes
More results

Similar Description - SS1040FL

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com