Electronic Components Datasheet Search
  English  ▼

X  

10573 Datasheet(PDF) 2 Page - Atom Lighting

Part # 10573
Description  AT5101
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

10573 Datasheet(HTML) 2 Page - Atom Lighting

  10573 Datasheet HTML 1Page - Atom Lighting 10573 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DRIVER
Dimmable
No
Driver Included
No
Integrated Driver
No
Driver Type
Fixed output
Wiring Type
Flying leads (2 wire)
COMPLIANCE
Standards
AS/NZS 60598.1
AS 60598.2.4
AS CISPR 15
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
VIP Warranty
2 Onsite, 3 RTB (Total 5
Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
DIMENSIONS
Product Height
347 mm
Product Length
63 mm
Product Width
63 mm
LINE DRAWINGS
AT5101/316/LED
Recommended Drivers
Order code Item Code
Description
10573
AT100va W/P
100W 12Vac Dimmable Weatherproof Transformer
10680
AT105va W/P
105W 12Vac Mini Weatherproof Transformer
10575
AT200va W/P
200W 12Vac Dimmable Weatherproof Transformer
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com