Electronic Components Datasheet Search
  English  ▼

X  

CD4070B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4070B
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4070B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4070B Datasheet HTML 1Page - Silicon Supplies CD4070B Datasheet HTML 2Page - Silicon Supplies CD4070B Datasheet HTML 3Page - Silicon Supplies CD4070B Datasheet HTML 4Page - Silicon Supplies CD4070B Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4070B
Rev 1.0
15/03/18
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
A
0.107
0.589
2
B
0.107
0.107
3
Y1
0.608
0.107
4
Y2
1.002
0.107
5
C
1.687
0.107
6
D
1.687
0.537
7
VSS
1.687
0.740
8
E
1.687
1.142
9
F
1.687
1.377
10
Y3
1.414
1.637
11
Y4
1.119
1.637
12
G
0.824
1.637
13
H
0.107
1.637
14
VDD
0.107
0.994
CONNECT CHIP BACK TO VDD OR FLOAT
 
Pad Layout and Functions
Logic Diagram
Truth Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
L
H
H
L
H = High level (steady state)
L = Low level (steady state)
 
1900µm (74.80 mils)
0,0
11
10
9
8
7
6
5
4
3
2
1
12
13
14
DIE ID
Pad 14 = VDD
Pad 7 = VSS
Y = A ⊕ B = AB + AB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com