Electronic Components Datasheet Search
  English  ▼

X  

LM3480-5 Datasheet(PDF) 2 Page - Silicon Supplies

Part # LM3480-5
Description  Linear Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM3480-5 Datasheet(HTML) 2 Page - Silicon Supplies

  LM3480-5 Datasheet HTML 1Page - Silicon Supplies LM3480-5 Datasheet HTML 2Page - Silicon Supplies LM3480-5 Datasheet HTML 3Page - Silicon Supplies LM3480-5 Datasheet HTML 4Page - Silicon Supplies LM3480-5 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
www.siliconsupplies.com
d
Linear Voltage Regulator – LM3480-5
Rev 1.0
19/04/19
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
VIN
92
747
2
GND
92
107
3
VOUT
899
747
CONNECT CHIP BACK TO GND
Pad Layout and Functions
Typical Application
Application Notes:
0.1 µ F is the minimum CI & CO value required for stability & adequate transient performance. There is no specific ESR limitation, although
excessively high ESR will compromise transient performance. There is no specific limitation on a maximum capacitance value on either input or
output. Larger output capacitor values can be used to improve transient behaviour.
The device can operate with up to 30V input voltage supply. This input supply must be well regulated. Additional low ESR input capacitance improves
the output noise performance if the input supply is noisy.
VOUT
LM3480-5
CI
0.1µf
CO
0.1µf
VIN
3
2
1
1100µm (43.31 mils)
3
1
2
0,0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com