Electronic Components Datasheet Search
  English  ▼

X  

EC550-HD Datasheet(PDF) 1 Page - DFI Inc

Part # EC550-HD
Description  4th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC550-HD Datasheet(HTML) 1 Page - DFI Inc

  EC550-HD Datasheet HTML 1Page - DFI Inc EC550-HD Datasheet HTML 2Page - DFI Inc EC550-HD Datasheet HTML 3Page - DFI Inc EC550-HD Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PCIe x16/PCI
5 expansion
slots
EC550/EC551-HD
4th Gen Intel® CoreTM
Modular-Designed Embedded System
Dimensions
Features
• Supports DDR3 SODIMM up to 16GB
• 2x 2.5" SATA drive bays
• 5 expansion slots
mSATA
Wi-Fi
USB Drive
Security
Modular-Designed
Systems
208.20
222.00
Front View
Right View
Left View
DP
1 Vertical USB for securing data from unauthorized access
H81
Panel
Front View
COM 1
DC-in
Power Button
LAN
Reset Button
VGA
DIO
COM 2
DP
Line-out, Line-in, Mic-in
USB 2.0
USB 3.0
USB 2.0
COM 7, 9
Expansion slots
Status, HDD LED


Similar Part No. - EC550-HD

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC550 DFI-EC550 Datasheet
1Mb / 2P
4th Gen Intel Core Modular-Designed Embedded System
More results

Similar Description - EC550-HD

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
HD330-Q87 GSR-HD330-Q87 Datasheet
1Mb / 2P
4th Gen Intel짰 CoreTM microATX
logo
DFI Inc
EC532-KD-AI DFI-EC532-KD-AI Datasheet
923Kb / 4P
6th/7th Gen Intel Core Processor Modular-Designed Embedded System
EC533-KD-AI DFI-EC533-KD-AI Datasheet
1Mb / 4P
6th/7th Gen Intel Core Processor Modular-Designed Embedded System
HM961-HM86 DFI-HM961-HM86 Datasheet
1,011Kb / 2P
4th Gen Intel CoreTM COM Express Basic
HM961-QM87 DFI-HM961-QM87 Datasheet
849Kb / 2P
4th Gen Intel CoreTM COM Express Basic
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
EC553-DL DFI-EC553-DL Datasheet
1Mb / 2P
4th Gen Intel Xeon / Intel Core Modular-Designed Embedded System
EC550 DFI-EC550 Datasheet
1Mb / 2P
4th Gen Intel Core Modular-Designed Embedded System
EC541-HD DFI-EC541-HD Datasheet
1Mb / 4P
4th Gen Intel CoreTM Modular-Designed Embedded System
EC500-CS DFI-EC500-CS Datasheet
1Mb / 4P
Modular-Designed Embedded System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com