Electronic Components Datasheet Search
  English  ▼

X  

SIS17601 Datasheet(PDF) 2 Page - Silicon Supplies

Part # SIS17601
Description  Dual MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SIS17601 Datasheet(HTML) 2 Page - Silicon Supplies

  SIS17601 Datasheet HTML 1Page - Silicon Supplies SIS17601 Datasheet HTML 2Page - Silicon Supplies SIS17601 Datasheet HTML 3Page - Silicon Supplies SIS17601 Datasheet HTML 4Page - Silicon Supplies SIS17601 Datasheet HTML 5Page - Silicon Supplies SIS17601 Datasheet HTML 6Page - Silicon Supplies SIS17601 Datasheet HTML 7Page - Silicon Supplies SIS17601 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
  
 
 
 
 
 
 
 
Dual MOSFET Driver – SiS17601
Rev 1.0
29/01/20
COORDINATES
(µm)
PAD
FUNCTION
X
Y
1
EN A
-816
725
2
IN A
-816
434
3
GND
-816
139
4
GND
-816
-110
5
GND
-816
-363
6
IN B
-816
-673
7
OUT B
816
-783
8
OUT B
816
-611
9
VCC
816
-300
10
VCC
816
107
11
OUT A
816
450
12
OUT A
816
629
13
EN B
622
844
ISOLATE CHIP BACKSIDE
Pad Layout and Functions
2080µm (81.89 mils)
PADS
SYMBOL
DESCRIPTION
1
EN A
Enable Input for Driver A. Internally pulled to VCC through a 100kΩ
resistor. Leave unconnected for always-on operation. Connect to
GND for disabling the corresponding channel.
2
IN A
Logic Input for Channel A
3, 4, 5
GND
Ground
6
IN B
Logic Input for Channel B
7, 8
OUT B
Channel B Driver Output. Sources and sinks current for channel B
to turn the external MOSFET at OUT B on or off.
9, 10
VCC
Power-Supply Input. Bypass to GND with one or more low ESR
0.1µF ceramic capacitors.
11, 12
OUT A
Channel A Driver Output. Sources and sinks current for channel A
to turn the external MOSFET at OUTA on or off.
13
EN B
Enable Input for Driver B. Internally pulled to VCC through a 100kΩ
resistor. Leave unconnected for always-on operation. Connect to
GND for disabling the corresponding channel.
 
Typical Circuit
1
4
2
3
5
6
13
12
11
10
9
8
7
DIE ID
Pad Descriptions
0,0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com