Electronic Components Datasheet Search
  English  ▼

X  

SIS3045J Datasheet(PDF) 1 Page - Silicon Supplies

Part # SIS3045J
Description  Monolithic Transistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SIS3045J Datasheet(HTML) 1 Page - Silicon Supplies

  SIS3045J Datasheet HTML 1Page - Silicon Supplies SIS3045J Datasheet HTML 2Page - Silicon Supplies SIS3045J Datasheet HTML 3Page - Silicon Supplies SIS3045J Datasheet HTML 4Page - Silicon Supplies SIS3045J Datasheet HTML 5Page - Silicon Supplies SIS3045J Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
www.siliconsupplies.com
Monolithic Transistor Array – SiS3045J
Silicon General Purpose x5 NPN Transistor array in CERDIP-14
Rev 1.1
20/10/17
Two matched transistors:
-
VBE Match ±5mA
-
IIO Match 2µA (Max).
Low Noise Figure 3.2dB (Typ) at 1kHz
Operation From DC to 120MHz
Wide Operating Current Range
Full Military Temperature Range.
Features:
Ordering Information
The following part suffixes apply:
SiS3045J - 14 Lead Ceramic Dual-In-Line Package
The SiS3045J consists of five general purpose silicon NPN
transistors on a common monolithic substrate. Two of the
transistors are internally connected to form a differentially-
connected pair. The transistors are well suited to a wide
variety of applications in low power systems in the DC
through VHF range. They may be used as discrete
transistors in conventional circuits however; in addition, they
provide the very significant inherent integrated circuit
advantages of close electrical and thermal matching. The
SiS3045J is a direct electrical & mechanical replacement for
the obsolete National Semiconductor LM3045J.
Description
Schematic & Connection Diagram
Absolute Maximum Ratings
PARAMETER
SYMBOL
VALUE
UNIT
Collector-to-Emitter Voltage
VCEO
15
V
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Substrate Voltage (Note 1)
VCIO
20
V
Emitter-to-Base Voltage
VEBO
5
V
Collector Current
IC
50
mA
Maximum Power Dissipation (Any one transistor)
PD
300
mW
Operating Temperature Range
-
-55 to 125
°C
Maximum Junction Temperature
TJ
175
°C
Q5
Q4
Q1
Q2
Q3
14
13
12
11
10
9
8
1
2
3
4
5
6
7
SUBSTRATE
Three Isolated Transistors and One
Differentially Connected Transistor Pair for
Low Power Applications at Frequencies from
DC Through the VHF Range
Custom Designed Differential Amplifiers
Temperature Compensated Amplifiers.
Applications:


Similar Part No. - SIS3045J

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS3045J SS-SIS3045J Datasheet
2Mb / 6P
Monolithic Transistor Array
More results

Similar Description - SIS3045J

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
FSA2510P AMMSEMI-FSA2510P Datasheet
468Kb / 1P
Monolithic Diode Array
logo
OSRAM GmbH
SPLBK98-40 OSRAM-SPLBK98-40 Datasheet
133Kb / 3P
Unmounted monolithic linear array
SPLBK102-40 OSRAM-SPLBK102-40 Datasheet
133Kb / 3P
Unmounted monolithic linear array
logo
Silicon Supplies
SIS3046 SS-SIS3046 Datasheet
1Mb / 7P
Monolithic Transistor Array
SIS3045 SS-SIS3045 Datasheet
1Mb / 7P
Monolithic Transistor Array
SIS3045F SS-SIS3045F Datasheet
2Mb / 6P
Monolithic Transistor Array
SIS3045J SS-SIS3045J Datasheet
2Mb / 6P
Monolithic Transistor Array
SIS3046M SS-SIS3046M Datasheet
4Mb / 6P
Monolithic Transistor Array
SIS3046N SS-SIS3046N Datasheet
2Mb / 6P
Monolithic Transistor Array
SIS3046P SS-SIS3046P Datasheet
2Mb / 6P
Monolithic Transistor Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com