Electronic Components Datasheet Search
  English  ▼

X  

SIS3046 Datasheet(PDF) 4 Page - Silicon Supplies

Part # SIS3046
Description  Monolithic Transistor Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SIS3046 Datasheet(HTML) 4 Page - Silicon Supplies

  SIS3046 Datasheet HTML 1Page - Silicon Supplies SIS3046 Datasheet HTML 2Page - Silicon Supplies SIS3046 Datasheet HTML 3Page - Silicon Supplies SIS3046 Datasheet HTML 4Page - Silicon Supplies SIS3046 Datasheet HTML 5Page - Silicon Supplies SIS3046 Datasheet HTML 6Page - Silicon Supplies SIS3046 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
 
 
Monolithic Transistor Array – SiS3046
 
Dynamic Electrical Characteristics T
A = 25°C unless otherwise stated
Rev 1.1
20/10/17
PARAMETER
SYMBOL
TEST
CONDITIONS
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
MIN
TYP
MAX
UNITS
Low Frequency Noise Figure
(Figure 9)
NF
f = 1 kHz, VCE = 3V
IC = 100μA, Source
Resistance = 1kΩ
-
3.25
-
dB
Low Frequency, Small Signal Equivalent Circuit Characteristics
Forward Current Transfer Ratio
f = 1 kHz
VCE = 3V, IC = 1mA
hFE
(Figure 11)
-
110
-
-
Short Circuit Input Impedance
(Figure 11)
hIE
f = 1 kHz
VCE = 3V, IC = 1mA
-
3.5
-
kΩ
Open Circuit Output Impedance
(Figure 11)
hOE
f = 1 kHz
-
VCE = 3V, IC = 1mA
15.6
-
µmho
Open Circuit Reverse Voltage
Transfer Ratio (Figure 11)
hRE
f = 1 kHz
VCE = 3V, IC = 1mA
-
1.8 x 10
-4
-
-
Admittance Characteristics
Forward Transfer Admittance
(Figure 12)
YFE
f = 1 kHz
VCE = 3V, IC = 1mA
-
31 - j1.5
-
-
Input Admittance (Figure 13)
YIE
f = 1 kHz
VCE = 3V, IC = 1mA
-
0.3 + j0.04
-
-
Output Admittance (Figure 14)
YOE
f = 1 kHz
VCE = 3V, IC = 1mA
-
0.001+j0.03
-
-
Reverse Transfer Admittance
(Figure 15)
YRE
f = 1 kHz
VCE = 3V, IC = 1mA
-
Fig 14
-
-
Gain Bandwidth Product (Figure 16)
fT
VCE = 3V, IC = 1mA
300
550
-
MHz
Emitter-to-Base Capacitance
CEB
VEB = 3V, IE = 0
-
0.6
-
pF
Collector-to-Base Capacitance
CCB
VCB = 3V, IC = 0
-
0.58
-
pF
Collector-to-Substrate Capacitance
CCI
VCS = 3V, IC = 0
-
2.8
-
pF
FIGURE 1. Typical Base-To-Collector Current
vs Temperature (each transistor)
Typical Performance Characteristics
FIGURE 2. Typical Collector-To-Emitter Cutoff
Current vs Temperature (each transistor)
Page 4 of 7 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com