Electronic Components Datasheet Search
  English  ▼

X  

A1163 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A1163
Description  Reverse Output Hall Effect Latch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A1163 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A1163 Datasheet HTML 1Page - Master Analog Technology CO. A1163 Datasheet HTML 2Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A1163
Specification
Reverse Output Hall Effect Latch
042623
www.masteranalog.com
Page 1 of 2
RD-30023
Rev 2.02
A1163 has reverse polarity protection, high sensitivity on latch function of the Hall IC.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
28
V
Output Voltage, (VOUT)
28
V
Output Current, (ISINK)
100
mA
Operating Temperature
Range, (TA)
-40 ~+125
℃
Storage temperature
Range, (TS)
-65 ~ +150
℃
Package Power
Dissipation, (PD)
230
mW
Functional Block Diagram
Voltage
Regulator
Amp
VDD
Out
VSS
Hall
Sensor
Hall
Sensor
Thermal
shut-down
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=12V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
3.5
24.0
V
Supply Current, (IDD)
B<BOP
8.0
mA
Output Saturation Voltage, (VDSON)
IOUT=80mA, B>BOP
200.0
mV
Output Leakage Current, (IOFF)
IOFF B<BRP, VOUT = 12V
<0.1
10.0
uA
Output Switch Frequency, (FSW)
3
kHz
Output Rise Time, (TR)
RL=1KΩ, CL =20pF
0.5
uS
Output Fall Time, (TF)
RL=1KΩ; CL =20pF
0.5
uS
Electro-Static Discharge
HBM
4
KV
Operate Point, (BOP)
S3
0
60
Gauss
Release Point, (BRP)
S3
-60
0
Gauss
Hysteresis, (BHYS)
|BOP - BRP|
60
Gauss
CMOS Hall
Effect Latch
Supply Voltage
3.5 ~ 24V
BOP:-30 Gauss
BRP:30 Gauss
Output
Open Drain
Package
SOT-23(S3)


Similar Part No. - A1163

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1160 ALLEGRO-A1160 Datasheet
306Kb / 13P
Chopper-Stabilized Precision Hall Effect Switch With Advanced Diagnostics
A1160 ALLEGRO-A1160_16 Datasheet
815Kb / 13P
Chopper-Stabilized Precision Hall-Effect Switch With Advanced Diagnostics
logo
ITT Industries
A116132A2NCNB ITT-A116132A2NCNB Datasheet
371Kb / 5P
4 & 5 Tumbler 1-4 Pole Switchlocks
A116132A2NCNBE ITT-A116132A2NCNBE Datasheet
371Kb / 5P
4 & 5 Tumbler 1-4 Pole Switchlocks
A116132A2NCNQ ITT-A116132A2NCNQ Datasheet
371Kb / 5P
4 & 5 Tumbler 1-4 Pole Switchlocks
More results

Similar Description - A1163

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
BCD Semiconductor Manuf...
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH277A BCDSEMI-AH277A Datasheet
172Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev erse
logo
Nanjing Ouzhuo Technolo...
OH277 OHHALLSENSOR-OH277 Datasheet
190Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com