Electronic Components Datasheet Search
  English  ▼

X  

A1171 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A1171
Description  General-Purpose Hall Effect Latch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A1171 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A1171 Datasheet HTML 1Page - Master Analog Technology CO. A1171 Datasheet HTML 2Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A1171
Specification
General-Purpose Hall Effect Latch
050423
www.masteranalog.com
Page 1 of 2
RD-30024
Rev 2.01
A1171 is a high sensitivity and economical on latch function of the Hall IC.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
26
V
Output Voltage, (VOUT)
26
V
Output Current, (ISINK)
80
mA
Operating Temperature
Range, (TA)
-40 ~+125
℃
Storage Temperature
Range, (TS)
-65 ~ +150
℃
Package Power
Dissipation, (PD)
606 / 230
mW
Functional Block Diagram
Voltage
Regulator
Amp
VDD
Out
VSS
Hall
Sensor
Hall
Sensor
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=12V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
3.5
24.0
V
Supply Current, (IDD)
B<BOP
3.5
8.0
mA
Output Saturation Voltage, (VDSON)
IOUT=50mA, B>BOP
200.0
mV
Output Leakage Current, (IOFF)
IOFF B<BRP, VOUT = 12V
10.0
uA
Output Switch Frequency, (FSW)
3
kHz
Output Rise Time, (TR)
RL=1KΩ, CL =20pF
0.5
uS
Output Fall Time, (TF)
RL=1KΩ; CL =20pF
0.5
uS
Electro-Static Discharge
HBM
4
KV
Operate Point, (BOP)
I3(S3)
0(-60)
60(0)
Gauss
Release Point, (BRP)
I3(S3)
-60(0)
0(60)
Gauss
Hysteresis, (BHYS)
|BOP - BRP|
60
Gauss
CMOS Hall
Effect Latch
Supply Voltage
3.5 ~ 24V
BOP:30 Gauss
BRP:-30 Gauss
Output
Open Drain
Package
SIP-3(I3)
SOT-23(S3)


Similar Part No. - A1171

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1171 ALLEGRO-A1171 Datasheet
637Kb / 9P
Micropower Ultrasensitive Hall Effect Switch
A1171EEWLT-P ALLEGRO-A1171EEWLT-P Datasheet
637Kb / 9P
Micropower Ultrasensitive Hall Effect Switch
A1171 ALLEGRO-A1171_16 Datasheet
260Kb / 10P
Micropower Ultrasensitive Hall Ef fect Switch
More results

Similar Description - A1171

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1751 DIODES-AH1751 Datasheet
122Kb / 6P
HALL EFFECT LATCH
AH1751 Rev. 1 - 2
AH1751 DIODES-AH1751_09 Datasheet
143Kb / 9P
HALL EFFECT LATCH
AH1751 Rev. 4
logo
Taiwan Semiconductor Co...
TSH181 TSC-TSH181 Datasheet
316Kb / 7P
General Purpose Hall Effect Latch
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
Dual Hall Effect Latch
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
BIPOLAR HALL EFFECT LATCH
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
Hall Effect Latch
EM-6011 AKM-EM-6011 Datasheet
543Kb / 13P
Hall Effect Latch
logo
Feeling Technology Corp...
FS41 FEELING-FS41 Datasheet
101Kb / 7P
Single Hall Effect Latch
FS3144 FEELING-FS3144 Datasheet
102Kb / 7P
Single Hall Effect Latch
logo
Prolific Technology Inc...
PT3611 PROLIFIC-PT3611 Datasheet
205Kb / 1P
General Purpose Latch Type Hall Effect Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com