Electronic Components Datasheet Search
  English  ▼

X  

A1175 Datasheet(PDF) 3 Page - Master Analog Technology CO.

Part # A1175
Description  Low Operating Voltage Ultra High Sensitivity Hall Effect Latch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A1175 Datasheet(HTML) 3 Page - Master Analog Technology CO.

  A1175 Datasheet HTML 1Page - Master Analog Technology CO. A1175 Datasheet HTML 2Page - Master Analog Technology CO. A1175 Datasheet HTML 3Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A1175
Specification
Low Operating Voltage Ultra High Sensitivity Hall Effect Latch
101723
www.masteranalog.com
Page 3 of 3
RD-30080
Rev 1.00
D4 Package
NOTES:
1. Controlling dimension: mm
2. Leads must be free of flash and plating voids
3. Lead thickness after solder plating will be
0.254mm maximum
4. PINOUT:
Pin No.
Pin Name
Function
1
VDD
Power Supply
2
VSS
Ground
3
N.C
N.C
4
VOUT
Output
5
N.C
Heat sink*1
*1:Pin5
suggest connect to Ground.
5.
(For reference only)Land Pattern



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com