Electronic Components Datasheet Search
  English  ▼

X  

AX102607 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX102607
Description  MDVO Blank Insert for Faceplates, Panels, & Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX102607 Datasheet(HTML) 1 Page - Belden Inc.

  AX102607 Datasheet HTML 1Page - Belden Inc. AX102607 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: MDVO BLANK INSERTS
MDVO Blank Insert for Faceplates, Panels, & Adapters
Product Description
MDVO Blank Inserts are available in many colors.
Technical Specifications
Physical Characteristics (Overall)
Height:
0.63 m
Width:
0.63
Depth:
0.38
Packaging:
50 units packaged in a plastic bag.
Weight:
0.002 kg
Connectors
Materials
Material
Plastic - UL94V-0
Temperature Range
Installation Temperature Range:
-10 to 60°C
Storage Temperature Range:
-40 to 70°C
Operating Temperature Range:
-10 to 60°C
Mechanical Characteristics
Footprint/Type:
MDVO
Connector/Hardware Retention:
20 lbs
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS): Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
ACA, Bi-national Standard Listed
Related Part Numbers
Related Parts:
Compatible MDVO-style Faceplate and Patch Panel
Variants
Item #
Color
A0405537
Almond
A0405539
Black
AX102607 Electric White
A0405536
Gray
AX102600 Ivory


Similar Part No. - AX102607

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX102601 BELDEN-AX102601 Datasheet
281Kb / 2P
MDVO RCA Faceplate Inserts
03-04-2023
AX102602 BELDEN-AX102602 Datasheet
281Kb / 2P
MDVO RCA Faceplate Inserts
03-04-2023
AX102603 BELDEN-AX102603 Datasheet
281Kb / 2P
MDVO RCA Faceplate Inserts
03-04-2023
AX102605 BELDEN-AX102605 Datasheet
138Kb / 2P
Feed Through Insert for MDVO SVHS
03-04-2023
More results

Similar Description - AX102607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101750 ETC2-AX101750 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex MDVO Style Insert 2-port, Flush
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102261 ETC2-AX102261 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102262 ETC2-AX102262 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102263 ETC2-AX102263 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102410 ETC2-AX102410 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style Insert 2-port, Flush
AX102412 ETC2-AX102412 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style insert 2-port, Angled
AX103713 ETC2-AX103713 Datasheet
98Kb / 3P
Faceplates and Panels - FiberExpress Ultra Cassette
AX103821 ETC2-AX103821 Datasheet
106Kb / 3P
Faceplates and Panels - FiberExpress Ultra Cassette
logo
Belden Inc.
AX104569 BELDEN-AX104569 Datasheet
99Kb / 2P
Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com