Electronic Components Datasheet Search
  English  ▼

X  

CT60AM-18F Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CT60AM-18F
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CT60AM-18F Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CT60AM-18F Datasheet HTML 1Page - Powerex Power Semiconductors CT60AM-18F Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sep. 2000
CT60AM-18F
OUTLINE DRAWING
Dimensions in mm
TO-3PL
MITSUBISHI Nch IGBT
CT60AM-18F
INSULATED GATE BIPOLAR TRANSISTOR
APPLICATION
Microwave oven, Electromagnetic cooking devices, Rice-cookers
900
±25
±30
60
120
40
180
–40 ~ +150
–40 ~ +150
VGE = 0V
Collector-Emitter Voltage
Gate-Emitter Voltage
Peak Gate-Emitter Voltage
Collector Current
Collector Current (Pulse)
Emitter Current
Maximum Power Dissipation
Junction Temperature
Storage Temperature
V
V
V
A
A
A
W
°C
°C
VCES
VGES
VGEM
IC
ICM
IE
PC
Tj
Tstg
Symbol
MAXIMUM RATINGS (Tc = 25°C)
Parameter
Conditions
Ratings
Unit
q VCES ............................................................................... 900V
q IC ......................................................................................... 60A
q Simple drive
q Integrated Fast-recovery diode
q Small tail loss
q Low VCE Saturation Voltage
20MAX.
5
2
2
1
0.5
4.0
φ3.2
5.45 5.45
3
Œ GATE
 COLLECTOR
Ž EMITTER
 COLLECTOR

ŒŽ

Œ
Ž


Similar Part No. - CT60AM-18F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CT60AM-18F RENESAS-CT60AM-18F Datasheet
178Kb / 6P
Insulated Gate Bipolar Transistor
CT60AM-18F-AD RENESAS-CT60AM-18F-AD Datasheet
178Kb / 6P
Insulated Gate Bipolar Transistor
More results

Similar Description - CT60AM-18F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
GA200SA60SP IRF-GA200SA60SP Datasheet
322Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WS IRF-IRG4BC40WS Datasheet
343Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF Datasheet
252Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
982Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4P254SPBF IRF-IRG4P254SPBF Datasheet
329Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC10SPBF IRF-IRG4BC10SPBF Datasheet
266Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG7PH50UPBF IRF-IRG7PH50UPBF Datasheet
366Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC20WPBF IRF-IRG4BC20WPBF Datasheet
209Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRGP4066PBF IRF-IRGP4066PBF Datasheet
275Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com