Electronic Components Datasheet Search
  English  ▼

X  

REF3320AIDBZRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF3320AIDBZRG4
Description  3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3320AIDBZRG4 Datasheet(HTML) 2 Page - Texas Instruments

  REF3320AIDBZRG4 Datasheet HTML 1Page - Texas Instruments REF3320AIDBZRG4 Datasheet HTML 2Page - Texas Instruments REF3320AIDBZRG4 Datasheet HTML 3Page - Texas Instruments REF3320AIDBZRG4 Datasheet HTML 4Page - Texas Instruments REF3320AIDBZRG4 Datasheet HTML 5Page - Texas Instruments REF3320AIDBZRG4 Datasheet HTML 6Page - Texas Instruments REF3320AIDBZRG4 Datasheet HTML 7Page - Texas Instruments REF3320AIDBZRG4 Datasheet HTML 8Page - Texas Instruments REF3320AIDBZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
PIN CONFIGURATION
1
IN
2
OUT
3
GND
REF3312,, REF3318
REF3320, REF3325
REF3330, REF3333
SBOS392A – AUGUST 2007 – REVISED SEPTEMBER 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PACKAGE
PRODUCT
DESCRIPTION
PACKAGE
DESIGNATOR
PACKAGE MARKING
SOT23-3
DBZ
R33A
REF3312
1.25V
SC70-3
DCK
R12
SOT23-3
DBZ
R33B
REF3318
1.8V
SC70-3
DCK
R18
SOT23-3
DBZ
R33C
REF3320
2.048V
SC70-3
DCK
R20
SOT23-3
DBZ
R33D
REF3325
2.5V
SC70-3
DCK
R25
SOT23-3
DBZ
R33E
REF3330
3.0V
SC70-3
DCK
R30
SOT23-3
DBZ
R33F
REF3333
3.3V
SC70-3
DCK
R33
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
VALUE
UNIT
Input Voltage (VIN)
+7.5
V
Output Short-Circuit (ISC)
180
mA
Output Voltage (OUT pin)(2)
5
V
Operating Temperature
–50 to +150
°C
Storage Temperature
–65 to +150
°C
Junction Temperature (TJ)
+150
°C
Human Body Model (HBM)
4000
V
ESD Ratings
Charged Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
See the Applications Information section, Supply Voltage.
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SOT23-3, SC70-3
TOP VIEW
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): REF3312 REF3318 REF3320 REF3325 REF3330 REF3333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com