Electronic Components Datasheet Search
  English  ▼

X  

WPC8769L Datasheet(PDF) 2 Page - Winbond

Part # WPC8769L
Description  Mobile Embedded Controller with SPI??Flash Interface and MCE-Compliant CIR Port
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WPC8769L Datasheet(HTML) 2 Page - Winbond

  WPC8769L Datasheet HTML 1Page - Winbond WPC8769L Datasheet HTML 2Page - Winbond WPC8769L Datasheet HTML 3Page - Winbond WPC8769L Datasheet HTML 4Page - Winbond WPC8769L Datasheet HTML 5Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.winbond.com
2
Revision 1.0
Device-Specific Information
The following table shows the main differences between the WPC8768L and WPC8769L devices.
Features
Embedded Controller Features
■ Processing Unit
— CompactRISC CR16CPlus 16-bit embedded RISC
processor core (the “core”)
— Up to 4 Mbytes of external address space
■ Internal Memory
— 1 Kbyte of ROM
— 4 Kbytes of on-chip RAM
— All memory types can hold both code and data
■ Flash Interface Unit (FIU)
— Up to 4 Mbytes of code and data
— Hardware-protected boot zone block protection
— SPI External Memory
❏ Up to 32 Mbits
❏ Fast Read mode
❏ Page programing support
❏ Configurable clock rate
— Field upgradeable
■ Shared Memory Controller (SHM)
— Supports BIOS (flash) memory sharing with PC host
— Supports host-controlled code download and update
— Memory access protection
LPC System Interface
■ Based on Intel’s LPC Interface Specification Revision
1.1, August 2002
■ Four optional 8-bit DMA channels
■ I/O, Memory and 8-bit Firmware Memory read and write
cycles, Firmware Memory writes may insert wait cycles
■ Bootable Memory Support
■ Base Address (BADDR1-0) straps to determine the
base address of the index-data register pair
— Alternate base address configurable by the core
■ LPCPD and CLKRUN support
Embedded Controller System Features
■ Host Interface
— Comprises host interface channels, typically used
for KBC and ACPI Private or Shared EC channels
— 8042 KBC-standard interface (legacy 60h, 64h)
— Two PM interface ports (legacy 62h, 66h; 68h, 6Ch)
— ACPI EC with either Shared or Private interface
through the PM interface
— Two Mailbox areas for host-core communication, up
to 4 Kbytes each; maximum 4 Kbytes total
— Generates IRQ, SMI and SCI
— Provides IRQ1 and IRQ12 support
— Provides Fast Gate A20 and Fast Host reset via firmware
■ Interrupt Control Unit (ICU)
— 31 maskable vectored interrupts (of which eight are
external)
— General-purpose external interrupt inputs through
MIWU
— Enable and pending indication for each interrupt
— Non-maskable interrupt input
■ Multi-Input Wake-Up (MIWU)
— Up to 40 wake-up or interrupt inputs
— Generates wake-up event to PMC (Power Manage-
ment Controller)
— Generates interrupts to ICU
— User-selectable trigger conditions
■ Internal Keyboard Matrix Scanning
— Up to 18 open-collector outputs (at least 12)
— Eight Schmitt inputs with internal pull-ups
■ General-Purpose I/O (GPIO) Ports
— 64 port pins
— I/O pins individually configured as input or output
— Configurable internal pull-up / pull-down resistors
— Outputs individually configured as push-pull or
open-drain
— Two echo inputs with wake-enabled interrupts
— Additional 12 GPIOs with wake-enabled interrupts
— Four GPIOs capable of 12 mA sink current
— Seven GPIOs are accessible to the host
— Optional low-cost external GPIO expansion through
the SensorPath interface
■ PS/2 Interface
— Three external ports: can be used for keyboard,
mouse and an additional pointing device
— Byte-level handling via hardware accelerator
Feature
WPC8768L
WPC8769L
FIR Port
✔✘



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com