Electronic Components Datasheet Search
  English  ▼

X  

74HC125 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC125
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC125 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC125 Datasheet HTML 1Page - Silicon Supplies 74HC125 Datasheet HTML 2Page - Silicon Supplies 74HC125 Datasheet HTML 3Page - Silicon Supplies 74HC125 Datasheet HTML 4Page - Silicon Supplies 74HC125 Datasheet HTML 5Page - Silicon Supplies 74HC125 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
d 
High Speed CMOS Logic – 74HC125
Rev 1.0
22/04/19
 
 
Pad Layout and Functions
COORDINATES (mm)
PAD
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Logic Diagram
Truth Table
INPUTS
OUTPUT
A
OE
Y
H
L
X
L
L
H
H
L
Z
H = High level (steady state)
L = Low level (steady state)
X = don’t care
FUNCTION
12
11
10
9
8
7
X
Y
1
1OE
0.169
0.49
2
1A
0.169
0.122
0,0
1350µm (53.14 mils)
6
5
4
3
2
1
14
13
DIE ID
3
1Y
0.464
0.122
4
2OE
0.722
0.147
5
2A
1.031
0.147
6
2Y
1.124
0.408
7
GND
1.124
0.669
8
3Y
1.124
0.986
9
3A
1.051
1.247
10
3OE
0.722
1.247
11
4Y
0.464
1.272
12
4A
0.169
1.272
13
4OE
0.169
0.903
14
VCC
0.128
0.66
CONNECT CHIP BACK TO VCC OR FLOAT
 
Pad 14 = VCC
Pad 7 = GND
 
Page 2 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com