Electronic Components Datasheet Search
  English  ▼

X  

LM117 Datasheet(PDF) 1 Page - Silicon Supplies

Part # LM117
Description  Linear Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM117 Datasheet(HTML) 1 Page - Silicon Supplies

  LM117 Datasheet HTML 1Page - Silicon Supplies LM117 Datasheet HTML 2Page - Silicon Supplies LM117 Datasheet HTML 3Page - Silicon Supplies LM117 Datasheet HTML 4Page - Silicon Supplies LM117 Datasheet HTML 5Page - Silicon Supplies LM117 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Linear Voltage Regulator – LM117
Positive Adjustable 1.5A output Voltage Regulator in bare die form
Full Military Temperature Range
Output current in excess of 1.5A
Adjustable output between 1.2V - 37V
Internal short circuit current limit
 
Die Size (Unsawn)
1630 x 1850
64 x 73
µm
mils
Minimum Bond Pad Size
140 x 140
5.51 x 5.51
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 2.2µm
Back Metal Composition
Ti/Ni/Ag 1.2 µm
Internal thermal overload protection
Output transistor Safe-Area Compensation
Floating operation for high voltage applications
0.01% Line, 0.3% Load regulation maximum
Negative Voltage complement is LM137
Rev 1.0
03/03/18
Features:
Ordering Information
The following part suffixes apply:
The LM117 is a high voltage adjustable 3-terminal
voltage regulator with guaranteed 1.5A output current
and equipped with internal limiting + thermal shutdown
features for overload immunity. Output voltage is set
by two external resistors. Additional to standard
regulator function, the device can be used as a simple
adjustable switching regulator; a programmable output
regulator; or by connecting a fixed resistor between
adjustment pin and output, can be used as a precision
current regulator. A shutdown mechanism can be
introduced by clamping the adjust terminal to ground
which programs output to 1.2V where most loads draw
little current.
Description
Die Dimensions in µm (mils)
1630 (64)
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Tape & Reel – On request
In Metal or Ceramic package – On request
Page 1 of 6
www.siliconsupplies.com


Similar Part No. - LM117

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117 Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
logo
Seme LAB
LM117 SEME-LAB-LM117 Datasheet
42Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117 Datasheet
1,023Kb / 25P
1.2 V to 37 V adjustable voltage regulators
06-Feb-2008
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
1,013Kb / 28P
3-Terminal Adjustable Regulator
More results

Similar Description - LM117

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
Linear Voltage Regulator
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
Linear Voltage Regulator
7809 SS-7809 Datasheet
481Kb / 5P
Linear Voltage Regulator
7812 SS-7812 Datasheet
442Kb / 5P
Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
Linear Voltage Regulator
7815 SS-7815 Datasheet
481Kb / 5P
Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com