Electronic Components Datasheet Search
  English  ▼

X  

LM158A Datasheet(PDF) 2 Page - Silicon Supplies

Part # LM158A
Description  Dual Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM158A Datasheet(HTML) 2 Page - Silicon Supplies

  LM158A Datasheet HTML 1Page - Silicon Supplies LM158A Datasheet HTML 2Page - Silicon Supplies LM158A Datasheet HTML 3Page - Silicon Supplies LM158A Datasheet HTML 4Page - Silicon Supplies LM158A Datasheet HTML 5Page - Silicon Supplies LM158A Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
www.siliconsupplies.com
d
Dual Operational Amplifier – LM158A
Rev 1.1
21/01/18
COORDINATES
(mm)
PAD
FUNCTION
X
Y
1
OUTPUT A
0.1285
0.5015
2
– INPUT A
0.1125
0.2425
3
+ INPUT A
0.1125
0.1125
4
GND
0.4600
0.1075
5
+ INPUT B
0.8075
0.1125
6
– INPUT B
0.8075
0.2425
7
OUTPUT B
0.7915
0.5015
8
VCC
0.4600
0.5175
CHIP BACK POTENTIAL IS FLOAT
Pad Layout and Functions
Logic Diagram
920µm (36.22 mils)
0,0
6
5
4
8
2
1
DIE ID
7
3
IN 1 (-) 2
IN 1(+) 3
OUT A
IN 2(+) 5
IN 2 (-) 6
OUT B
PAD 8 = VCC
PAD 4 = GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com